Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 42Page - National Semiconductor (TI) PC87322VF Datasheet HTML 43Page - National Semiconductor (TI) PC87322VF Datasheet HTML 44Page - National Semiconductor (TI) PC87322VF Datasheet HTML 45Page - National Semiconductor (TI) PC87322VF Datasheet HTML 46Page - National Semiconductor (TI) PC87322VF Datasheet HTML 47Page - National Semiconductor (TI) PC87322VF Datasheet HTML 48Page - National Semiconductor (TI) PC87322VF Datasheet HTML 49Page - National Semiconductor (TI) PC87322VF Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
50 FDC Functional Description (Continued)
missing a clock or data pulse in the MFM or FM pattern A
secondary PLL is used to automatically calibrate the quarter
period delay line The secondary PLL also calibrates the
center frequency of the VCO
To eliminate the logic associated with controlling multiple
data rates the FDC supports each of the four data rates
(250 300 500 kbs and 1 Mbs) with a separate optimized
internal filter The appropriate filter for each data rate is au-
tomatically switched into the data separator circuit when the
data rate is selected via the Data Rate Select or Configura-
tion Control Register These filters have been optimized
through lab experimentation and are designed into the con-
troller to reduce the external component cost associated
with the floppy controller
The FDC has a dynamic window margin and lock range per-
formance capable of handling a wide range of floppy disk
drives Also the data separator will work well under a variety
of conditions including the high motor speed fluctuations of
floppy compatible tape drives
Figure 5-2 shows the floppy disk controller dynamic window
margin performance at the four different data rates Dynam-
ic window margin is the primary indicator of the quality and
performance level of the data separator This measurement
indicates how much motor speed variation (MSV) of the
drive spindle motor and bit jitter (or window margin) can be
tolerated by the data separator
MSV is shown on the x-axis of the dynamic window margin
graph MSV is translated directly to the actual data rate of
the data as it is read from the disk by the data separator
That is a faster than nominal motor will result in a higher
frequency in the actual data rate
The dynamic window margin performance curves also indi-
cate how much bit jitter (or window margin) can be tolerated
by the data separator This parameter is shown on the y-ax-
is of the graphs Bit jitter is caused by the magnetic interac-
tion of adjacent data pulses on the disk which effectively
shifts the bits away from their nominal positions in the mid-
dle of the bit window Window margin is commonly mea-
sured as a percentage This percentage indicates how far a
data bit can be shifted early or late with respect to its nomi-
nal bit position and still be read correctly by the data sepa-
rator If the data separator cannot correctly decode a shifted
bit then the data will be misread and a CRC will result
The dynamic window margin performance curves contain
two pieces of information 1) the maximum range of MSV
(also called ‘‘lock range’’) that the data separator can han-
dle with no read errors and 2) the maximum percentage of
window margin (or bit jitter) that the data separator can han-
dle with no read errors Thus the area under the dynamic
window margin curves in
Figure 5-2 is the range of MSV and
bit jitter that the FDC can handle with no read errors
TLC11870 – 11
FIGURE 5-1 FDC Data Separator Block Diagram
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com