Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 48Page - National Semiconductor (TI) PC87322VF Datasheet HTML 49Page - National Semiconductor (TI) PC87322VF Datasheet HTML 50Page - National Semiconductor (TI) PC87322VF Datasheet HTML 51Page - National Semiconductor (TI) PC87322VF Datasheet HTML 52Page - National Semiconductor (TI) PC87322VF Datasheet HTML 53Page - National Semiconductor (TI) PC87322VF Datasheet HTML 54Page - National Semiconductor (TI) PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
60 Serial Ports (Continued)
TABLE 6-3 PC87322VF UART Reset Configuration
Register
l Signal
Reset Control
Reset State
Interrupt Enable Register
Master Reset
0000
0000 (Note 1)
Interrupt Identification Register
Master Reset
0000 0001
FIFO Control
Master Reset
0000 0000
Line Control Register
Master Reset
0000 0000
MODEM Control Register
Master Reset
000
0 0000
Line Status Register
Master Reset
0
110 0000
MODEM Status Register
Master Reset
XXXX
0000 (Note 2)
SOUT
Master Reset
High
INTR (RCVR Errs)
Read LSR
l MR
LowTRI-STATE
INTR (RCVR Data Ready)
Read RBR
l MR
LowTRI-STATE
INTR (THRE)
Read IIR
l Write THR l MR
LowTRI-STATE
INTR (Modem Status Changes)
Read MSR
l MR
LowTRI-STATE
Interrupt Enable Bit
Master Reset
Low
RTS
Master Reset
High
DTR
Master Reset
High
RCVR FIFO
MRFCR1
FCR0FCR0
All Bits Low
XMIT FIFO
MRFCR1
FCR0FCR0
All Bits Low
Note 1
Boldface bits are permanently low
Note 2
Bits 7–4 are driven by the input signals
Bit 4
This bit is the Even Parity Select bit When parity is
enabled and bit 4 is a logic 0 an odd number of
logic 1s is transmitted or checked in the data word
bits and Parity bit When parity is enabled and bit 4
is a logic 1 an even number of logic 1s is transmit-
ted or checked
Bit 5
This bit is the Stick Parity bit When parity is en-
abled it is used in conjunction with bit 4 to select
Mark or Space Parity When LCR bits 3 4 and 5
are logic 1 the Parity bit is transmitted and
checked as a logic 0 (Space Parity) If bits 3 and 5
are 1 and bit 4 is a logic 0 then the Parity bit is
transmitted and checked as a logic 1 (Mark Pari-
ty) If bit 5 is a logic 0 Stick Parity is disabled
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART
When it is set to a logic 1 the serial output (SOUT)
is forced to the Spacing state (logic 0) The break
is disabled by setting bit 6 to a logic 0 The Break
Control bit acts only on SOUT and has no effect
on the transmitter logic
Note
This feature enables the CPU to alert a terminal If the
following sequence is used no erroneous characters will
be transmitted because of the break
1 Wait for the transmitter to be idle (TEMT e 1)
2 Set break for the appropriate amount of time If
the transmitter will be used to time the break
duration then check that TEMT e 1 before
clearing the Break Control bit
3 Clear break when normal transmission has to
be restored
During the break the Transmitter can be used as
a character timer to accurately establish the break
duration by sending characters and monitoring
THRE and TEMT
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It
must be set high (logic 1) to access the Divisor
Latches of the Baud rate Generator during a Read
or Write operation or to have the BOUT signal ap-
pear on the BOUT pin It must be set low (logic 0)
to access any other register
623 Programmable Baud Rate Generator
The PC87322VF contains two independently programmable
Baud rate Generators The 24 MHz crystal oscillator fre-
quency input is divided by 13 resulting in a frequency of
18462 MHz This is sent to each Baud rate Generator and
divided by the divisor of the associated UART The output
frequency of the Baud rate Generator (BOUT12) is 16 c
the baud rate
divisor
e
(frequency input) (baud rate c 16)
The output of each Baud rate Generator drives the transmit-
ter and receiver sections of the associated serial channel
Two 8-bit latches per channel store the divisor in a 16-bit
binary format These Divisor Latches must be loaded during
initialization to ensure proper operation of the Baud rate
Generator Upon loading either of the Divisor Latches a
16-bit Baud Counter is loaded Table 6-4 provides decimal
divisors to use with crystal frequencies of 24 MHz The os-
cillator input to the chip should always be 24 MHz to ensure
that the Floppy Disk Controller timing is accurate and that
the UART divisors are compatible with existing software
Using a divisor of zero is not recommended
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com