Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 49Page - National Semiconductor (TI) PC87322VF Datasheet HTML 50Page - National Semiconductor (TI) PC87322VF Datasheet HTML 51Page - National Semiconductor (TI) PC87322VF Datasheet HTML 52Page - National Semiconductor (TI) PC87322VF Datasheet HTML 53Page - National Semiconductor (TI) PC87322VF Datasheet HTML 54Page - National Semiconductor (TI) PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
60 Serial Ports (Continued)
TABLE 6-4 PC87322VF UART Divisors
Baud Rates and Clock Frequencies
24 MHz Input Divided to 18432 MHz
Baud Rate
Decimal Divisor
Percent
for 16 x Clock
Error
50
2304
01
75
1536
110
1047
1345
857
04
150
768
300
384
600
192
1200
96
1800
64
2000
58
05
2400
48
3600
32
4800
24
7200
16
9600
12
19200
6
38400
3
57600
2
115200
1
Note
The percent error for all baud rates except where indicated otherwise
is 02%
624 Line Status Register (LSR)
This 8-bit register provides status information to the CPU
concerning the data transfer Table 6-2 shows the contents
of the Line Status Register Details on each bit follow
Bit 0
This bit is the receiver Data Ready (DR) indicator Bit
0 is set to logic 1 whenever a complete incoming
character has been received and transferred into the
Receiver Buffer Register or the FIFO Bit 0 is reset to
a logic 0 by reading the data in the Receiver Buffer
Register or the FIFO
Bit 1
This bit is the Overrun Error (OE) indicator Bit 1 indi-
cates that data in the Receiver Buffer Register was
not read by the CPU before the next character was
transferred into the Receiver Buffer Register there-
by destroying the previous character The OE indica-
tor is set to a logic 1 upon detection of an overrun
condition and reset whenever the CPU reads the
contents of the Line Status Register If the FIFO
mode data continues to fill the FIFO beyond the trig-
ger level an Overrun error will occur only after the
FIFO is completely full and the next character has
been received in the shift register OE is indicated to
the CPU as soon as it happens The character in the
shift register is overwritten but it is not transferred to
the FIFO
Bit 2
This bit is the Parity Error (PE) indicator Bit 2 indi-
cates that the received data character does not have
the correct even or odd parity as selected by the
even-parity select bit The PE bit is set to a logic 1
upon detection of a parity error and is reset to a logic
0 whenever the CPU reads the contents of the Line
Status Register In the FIFO mode this error is asso-
ciated with the particular character in the FIFO that it
applies to This error is revealed to the CPU when its
associated character is at the top of the FIFO
Bit 3
This bit is the Framing Error (FE) indicator Bit 3 indi-
cates that the received character did not have a valid
Stop bit Bit 3 is set to a logic 1 whenever the Stop bit
following the last data bit or parity bit is a logic 0
(Spacing level) The FE indicator is reset whenever
the CPU reads the contents of the Line Status Regis-
ter In the FIFO mode this error is associated with the
particular character in the FIFO that it applies to This
error is revealed to the CPU when its associated
character is at the top of the FIFO The UART will try
to resynchronize after a framing error To do this it
assumes that the framing error was due to the next
start bit so it samples this ‘‘start’’ bit twice and then
takes in the bits following it as the rest of the frame
Bit 4
This bit is the Break Interrupt (BI) indicator Bit 4 is
set to a logic 1 whenever the received data input is
held in the Spacing (logic 0) state for longer than a
full word transmission time (that is the total time of
Start bit a data bits a Parity a Stop bits) The BI
indicator is reset whenever the CPU reads the con-
tents of the Line Status Register In the FIFO mode
this error is associated with the particular character
in the FIFO that it applies to This error is revealed to
the CPU when its associated character is at the top
of the FIFO When break occurs only one character
is loaded into the FIFO Restarting after a break is
received requires the SIN pin to be logical 1 for at
least
bit time
Note
Bits 1 through 4 are the error conditions that produce a Re-
ceiver Line Status interrupt whenever any of the correspond-
ing conditions are detected and the interrupt is enabled
Bit 5
This bit is the Transmitter Holding Register Empty
(THRE) indicator Bit 5 indicates that the UART is
ready to accept a new character for transmission In
addition this bit causes the UART to issue an inter-
rupt to the CPU when the Transmiter Holding Regis-
ter Empty Interrupt enable is set high The THRE bit
is set to a logic 1 when a character is transferred
from the Transmitter Holding Register into the
Transmitter Shift Register The bit is reset to logic 0
whenever the CPU loads the Transmitter Holding
Register In the FIFO mode it is set when the XMIT
FIFO is empty it is cleared when at least 1 byte is
written to the XMIT FIFO
Bit 6
This bit is the Transmitter Empty (TEMT) indicator
Bit 6 is set to a logic 1 whenever the Transmitter
Holding Register (THR) and the Transmitter Shift
Register (TSR) are both empty It is reset to a logic 0
whenever either the THR or TSR contains a data
character In the FIFO mode this bit is set to 1 when-
ever the transmitter FIFO and the shift register are
both empty
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com