Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) PC87322VF Datasheet HTML 10Page - National Semiconductor (TI) PC87322VF Datasheet HTML 11Page - National Semiconductor (TI) PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
IDEACK
54
I
IDEACK
This is the IDE DMA acknowledge input pin when bit 1 of FCR is 1 In this case the DENSEL
polarity is active high (IDENT assumed 1) This pin is the IDENT input pin when bit 1 of FCR is 0 (See
IDENT pin for further information)
IDED7
60
IO
IDE Bit 7
This pin provides the data bus bit 7 signal to the IDE hard drive during accesses in the
address range 1F0 – 1F7h 170 – 177h and 3F6h and 376h This pin is TRI-STATE during read or write
accesses to 3F7h and 377h
IDEHI
56
O
IDE High Byte
This output enables the high byte data latch during a read or write to the hard drive if
the hard drive returns IOCS16 This output is inactive if the IDE interface is disabled via the
Configuration Register (See VLD0 for further information)
IDELO
55
O
IDE Low Byte
This output enables the low byte data latch during a read or write to the hard drive This
output is inactive if the IDE interface is disabled via the Configuration Register (See BADDR0 for
further information)
IDENT
54
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the mode of operation
according to the following table
IDENT
MFM
MODE
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B are
disabled (TRI-STATE)
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and B
are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the DRQ and IRQ6 signals will
always be enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output
When IDENT is a logic ‘‘1’’ DENSEL is active high for the 500 kbs1 Mbs data rates
When IDENT is a logic ‘‘0’’ DENSEL is active low for the 500 kbs1 Mbs data rates
(See Mode command for further explanation of DENSEL) (See IDEACK for further information)
IOCHRDY
53
O
IO Channel Ready
This is the IO Channel Ready open drain output when bit 7 of FCR is 0 When
IOCHRDY is driven low the EPP extends the host cycle This pin is the MFM output pin when bit 7 of
FCR is 1 (See MFM pin for further information)
INDEX
47
I
Index
This input signals the beginning of a FDD track
94
I
Index
This pin provides an additional Index signal in PPM Mode when PNFe0 (See PD0 and Table
7-5 for further information)
INIT
80
IO
Initialize
When this signal is low it causes the printer to be initialized This pin will be in a TRI-STATE
condition 10 ns after a one is loaded into the corresponding Control Register bit The system should
pull this pin high using a 47 kX resistor (See DIR and Table 7-5 for further information)
IOCS16
59
I
IO Chip Select 16-Bit
This input will be driven by the peripheral device when it can accommodate a
16-bit access
IRQ34
1 100
O
Interrupt 3 and 4
These are active high interrupts associated with the serial ports IRQ3 presents the
signal if the serial channel has been designated as COM2 or COM4 IRQ4 presents the signal if the
serial port is designated as COM1 or COM3 The appropriate interrupt goes active whenever it is
enabled via IER the associated Interrupt Enable bit (Modem Control Register bit 3 MCR3) and any of
the following conditions are active Receiver Error Receive Data available Transmitter Holding
Register Empty or a Modem Status Flag is set The interrupt is reset low (inactive) after the
appropriate interrupt service routine is executed after being disabled via the IER or after a Master
Reset Either interrupt can be disabled putting them into TRI-STATE by setting the MCR3 bit low
IRQ5
98
O
Interrupt 5
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled this signal is TRI-
STATE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com