Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 17Page - National Semiconductor (TI) PC87322VF Datasheet HTML 18Page - National Semiconductor (TI) PC87322VF Datasheet HTML 19Page - National Semiconductor (TI) PC87322VF Datasheet HTML 20Page - National Semiconductor (TI) PC87322VF Datasheet HTML 21Page - National Semiconductor (TI) PC87322VF Datasheet HTML 22Page - National Semiconductor (TI) PC87322VF Datasheet HTML 23Page - National Semiconductor (TI) PC87322VF Datasheet HTML 24Page - National Semiconductor (TI) PC87322VF Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
30 FDC Register Description (Continued)
311 SRAPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
DRV2
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
NA
0
NA
0
NA
NA
0
COND
D7
Interrupt Pending
This active high bit reflects the
state of the IRQ6 pin
D6
2nd Drive Installed
Active low status of the
DRV2 disk interface input indicating if a second
drive has been installed
D5
Step
Active high status of the STEP disk interface
output
D4
Track 0
Active low status of the TRK0 disk inter-
face input
D3
Head Select
Active high status of the HDSEL disk
interface output
D2
Index
Active low status of the INDEX disk interface
input
D1
Write Protect
Active low status of the WP disk in-
terface input
D0
Direction
Active high status of the DIR disk inter-
face output
312 SRA
Model 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
DRQ
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
0
0
NA
1
NA
NA
1
COND
D7
Interrupt Pending
This active high bit reflects that
state of the IRQ6 pin
D6
DMA Request
Active high status of the DRQ signal
D5
Step
Active high status of the latched STEP disk
interface output This bit is latched with the STEP
output going active and is cleared with a read from
the DIR or with a hardware or software reset
D4
Track 0
Active high status of TRK0 disk interface
input
D3
Head Select
Active low status of the HDSEL disk
interface output
D2
Index
Active high status of the INDEX disk inter-
face input
D1
Write Protect
Active high status of the WP disk
interface input
D0
Direction
Active low status of the DIR disk inter-
face output
32 STATUS REGISTER B (SRB)
Read Only
This is a read-only diagnostic register that is part of the
PS2 floppy controller register set and is enabled when in
the PS2 or Model 30 mode The SRB can be read at any
time when in PS2 mode In the PC-AT mode D7 – D0 are
TRI-STATE during a mP read
321 SRBPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
1
1
DR0
WDATA
RDATA
WGATE
MTR1
MTR0
RESET
NA
NA
0
0
0
0
0
0
COND
D7
Reserved
Always 1
D6
Reserved
Always 1
D5
Drive Select 0
Reflects the status of the Drive Se-
lect 0 bit in the DOR (address 2 bit 0) This bit is
cleared after a hardware reset not a software reset
D4
Write Data
Every inactive edge transition of the
WDATA disk interface output causes this bit to
change states
D3
Read Data
Every inactive edge transition of the
RDATA disk interface output causes this bit to
change states
D2
Write Gate
Active high status of the WGATE disk
interface output
D1
Motor Enable 1
Active high status of the MTR1
disk interface output Low after a hardware reset
unaffected by a software reset
D0
Motor Enable 0
Active high status of the MTR0
disk interface output Low after a hardware reset
unaffected by a software reset
322 SRBModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DRV2
DR1
DR0
WDATA
RDATA
WGATE
DR3
DR2
RESET
NA
1
1
0
0
0
1
1
COND
D7
2nd Drive Installed
Active low status of the
DRV2 disk interface input
D6
Drive Select 1
Active low status of the DR1 disk
interface output
D5
Drive Select 0
Active low status of the DR0 disk
interface output
D4
Write Data
Active high status of latched WDATA
signal This bit is latched by the inactive going edge
of WDATA and is cleared by a read from the DIR
This bit is not gated by WGATE
D3
Read Data
Active high status of latched RDATA
signal This bit is latched by the inactive going edge
of RDATA and is cleared by a read from the DIR
D2
Write Gate
Active high status of latched WGATE
signal This bit is latched by the active going edge of
WGATE and is cleared by a read from the DIR
D1
Drive Select 3
Active low status of the DR3 disk
interface output (See Note 1)
D0
Drive Select 2
Active low status of the DR2 disk
interface output (See Note 1)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com