Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 67Page - National Semiconductor (TI) PC87322VF Datasheet HTML 68Page - National Semiconductor (TI) PC87322VF Datasheet HTML 69Page - National Semiconductor (TI) PC87322VF Datasheet HTML 70Page - National Semiconductor (TI) PC87322VF Datasheet HTML 71Page - National Semiconductor (TI) PC87322VF Datasheet HTML 72Page - National Semiconductor (TI) PC87322VF Datasheet HTML 73Page - National Semiconductor (TI) PC87322VF Datasheet HTML 74Page - National Semiconductor (TI) PC87322VF Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
90 Device Description (Continued)
928 DMA Timing
Symbol
Parameter
Min
Max
Units
tKI
DACK Inactive Pulse Width
25
ns
tKK
DACK Active Pulse Width
65
ns
tKQ
DACK Active Edge to DRQ Inactive
65
ns
tQK
DRQ to DACK Active Edge
10
ns
tQP
DRQ Period (except Non-Burst DMA)
8 c tDRP
m
s
tQQ
DRQ Inactive Non-Burst Pulse Width
300
400
ns
tQR
DRQ to RD WR Active
15
ns
tQW
DRQ to End of RD WR (Note 2)
(8 c tDRP b 16 c tICP)
m
s
(DRQ Service Time)
tQT
DRQ to TC Active (Note 2)
(8 c tDRP b 16 c tICP)
m
s
(DRQ Service Time)
tRQ
RD WR Active Edge to DRQ Inactive (Note 1)
65
ns
tTQ
TC Active Edge to DRQ Inactive
75
ns
tTT
TC Active Pulse Width
50
ns
Note 1
The active edge of RD or WR is recognized only when DACK is active
Note 2
Values shown are with the FIFO disabled or with FIFO enabled and THRESH e 0 For non-zero values of THRESH add (THRESH c 8 c tDRP)tothe
values shown
TLC11870 – 38
FIGURE 9-8 DMA Timing
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com