Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 21Page - NXP Semiconductors MMPF0100Z Datasheet HTML 22Page - NXP Semiconductors MMPF0100Z Datasheet HTML 23Page - NXP Semiconductors MMPF0100Z Datasheet HTML 24Page - NXP Semiconductors MMPF0100Z Datasheet HTML 25Page - NXP Semiconductors MMPF0100Z Datasheet HTML 26Page - NXP Semiconductors MMPF0100Z Datasheet HTML 27Page - NXP Semiconductors MMPF0100Z Datasheet HTML 28Page - NXP Semiconductors MMPF0100Z Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
NXP Semiconductors
25
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.3.2.1.1
External components
6.3.2.1.2
VREFDDR specifications
Table 19. Register VREFDDCRTL - ADDR 0x6A
Name
Bit #
R/W
Default
Description
UNUSED
3:0
–
0x00
unused
VREFDDREN
4
R/W
0x00
Enable or disables VREFDDR output voltage
0 = VREFDDR disabled
1 = VREFDDR enabled
UNUSED
7:5
–
0x00
unused
Table 20. VREFDDR external components (30)
Capacitor
Capacitance (
μF)
VINREFDDR(31) to VHALF
0.1
VHALF to GND
0.1
VREFDDR
1.0
Notes
30.
Use X5R or X7R capacitors.
31.
VINREFDDR to GND, 1.0
μF minimum capacitance is provided by buck regulator output.
Table 21. VREFDDR electrical characteristics
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V, and
25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VREFDDR
VINREFDDR
Operating input voltage range
1.2
–
1.8
V
IREFDDR
Operating load current range
0.0
–
10
mA
IREFDDRLIM
Current limit
IREFDDR when VREFDDR is forced to VINREFDDR/4
10.5
15
25
mA
IREFDDRQ
Quiescent current
–
8.0
–
μA
(32)
Active Mode – DC
VREFDDR
Output voltage
1.2 V < VINREFDDR < 1.8 V
0.0 mA < IREFDDR < 10 mA
–
VINREFDDR/
2
–V
VREFDDRTOL
Output voltage tolerance
1.2 V < VINREFDDR < 1.8 V
0.6 mA
≤ IREFDDR ≤ 10 mA
TA = -40 °C to 85 °C
TA = -40 °C to 105 °C (PF0100AZ only)
–1.0
-1.2
–
–
1.0
1.2
%
VREFDDRLOR
Load regulation
1.0 mA < IREFDDR < 10 mA
1.2 V < VINREFDDR < 1.8 V
–0.40–
mV/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com