Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 40Page - NXP Semiconductors MMPF0100Z Datasheet HTML 41Page - NXP Semiconductors MMPF0100Z Datasheet HTML 42Page - NXP Semiconductors MMPF0100Z Datasheet HTML 43Page - NXP Semiconductors MMPF0100Z Datasheet HTML 44Page - NXP Semiconductors MMPF0100Z Datasheet HTML 45Page - NXP Semiconductors MMPF0100Z Datasheet HTML 46Page - NXP Semiconductors MMPF0100Z Datasheet HTML 47Page - NXP Semiconductors MMPF0100Z Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
44
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.3.5
SW1A/B/C external components
Table 51. Register SW1CCONF - ADDR 0x32
Name
Bit #
R/W
Default
Description
SW1CILIM
0
R/W
0x00
SW1C current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW1CFREQ
3:2
R/W
0x00
SW1C switching frequency selector.
See Table 37.
SW1CPHASE
5:4
R/W
0x00
SW1C phase clock selection.
See Table 35.
SW1CDVSSPEED
7:6
R/W
0x00
SW1C DVS speed selection.
See Table 33.
Table 52. SW1A/B/C external component recommendations
Components
Description
Mode
A/B/C single
phase
A/B single - C
independent mode
A/B dual - C
independent mode
CINSW1A(41)
SW1A input capacitor
4.7
μF4.7 μF4.7 μF
CIN1AHF(41)
SW1A decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW1B(41)
SW1B input capacitor
4.7
μF4.7 μF4.7 μF
CIN1BHF(41)
SW1B decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW1C(41)
SW1C input capacitor
4.7
μF4.7 μF4.7 μF
CIN1CHF(41)
SW1C decoupling input capacitor
0.1
μF0.1 μF0.1 μF
COSW1AB(41)
SW1A/B output capacitor
6 x 22
μF4 x 22 μF
4 x 22
μF
COSW1C(41)
SW1C output capacitor
–
2 x 22
μF
2 x 22
μF
LSW1A
SW1A inductor
1.0
μH
DCR = 12 m
Ω
ISAT = 6.0 A
1.0
μH
DCR = 12 m
Ω
ISAT = 4.5 A
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
LSW1B
SW1B inductor
–
–
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
LSW1C
SW1C inductor
–
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
Notes
41.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com