Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 49Page - NXP Semiconductors MMPF0100Z Datasheet HTML 50Page - NXP Semiconductors MMPF0100Z Datasheet HTML 51Page - NXP Semiconductors MMPF0100Z Datasheet HTML 52Page - NXP Semiconductors MMPF0100Z Datasheet HTML 53Page - NXP Semiconductors MMPF0100Z Datasheet HTML 54Page - NXP Semiconductors MMPF0100Z Datasheet HTML 55Page - NXP Semiconductors MMPF0100Z Datasheet HTML 56Page - NXP Semiconductors MMPF0100Z Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
NXP Semiconductors
53
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4.2
SW2 external components
Table 58. Register SW2OFF - ADDR 0x37
Name
Bit #
R/W
Default
Description
SW2OFF
5:0
R/W
0x00
Sets the SW2 output voltage during sleep mode. See
Table 54 for all possible configurations.
SW2OFF
6
R
0x00
Sets the operating output voltage range for SW2 on
sleep mode. This bit inherits the value configured on
bit SW2[6] during OTP or TBB configuration. See
Table 54 for all possible configurations.
UNUSED
7
–
0x00
unused
Table 59. Register SW2MODE - ADDR 0x38
Name
Bit #
R/W
Default
Description
SW2MODE
3:0
R/W
0x80
Sets the SW2 switching operation mode.
See Table 29 for all possible configurations.
UNUSED
4
–
0x00
unused
SW2OMODE
5
R/W
0x00
Set status of SW2 when in sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
unused
Table 60. Register SW2CONF - ADDR 0x39
Name
Bit #
R/W
Default
Description
SW2ILIM
0
R/W
0x00
SW2 current limit level selection (45)
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
unused
SW2FREQ
3:2
R/W
0x00
SW2 switching frequency selector.
See Table 37.
SW2PHASE
5:4
R/W
0x00
SW2 phase clock selection.
See Table 35.
SW2DVSSPEED
7:6
R/W
0x00
SW2 DVS speed selection.
See Table 34.
Notes
45.
SW2ILIM = 0 must be used in NP/F9/FA versions if 2.5 A output load current is desired
Table 61. SW2 external component recommendations
Components
Description
Values
CINSW2(46)
SW2 input capacitor
4.7
μF
CIN2HF(46)
SW2 decoupling input capacitor
0.1
μF
COSW2(46)
SW2 output capacitor
2 x 22
μF
LSW2
SW2 inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 2.65 A
Notes
46.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com