Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 59Page - NXP Semiconductors MMPF0100Z Datasheet HTML 60Page - NXP Semiconductors MMPF0100Z Datasheet HTML 61Page - NXP Semiconductors MMPF0100Z Datasheet HTML 62Page - NXP Semiconductors MMPF0100Z Datasheet HTML 63Page - NXP Semiconductors MMPF0100Z Datasheet HTML 64Page - NXP Semiconductors MMPF0100Z Datasheet HTML 65Page - NXP Semiconductors MMPF0100Z Datasheet HTML 66Page - NXP Semiconductors MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
NXP Semiconductors
63
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.5.5
SW3A/B external components
Table 74. Register SW3BMODE - ADDR 0x46
Name
Bit #
R/W
Default
Description
SW3BMODE
3:0
R/W
0x80
Sets the SW3B (Independent) switching
operation mode. See Table 29 for all possible
configurations.
UNUSED
4
–
0x00
unused
SW3BOMODE
5
R/W
0x00
Set status of SW3B (Independent) when in sleep
mode.
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
unused
Table 75. Register SW3BCONF - ADDR 0x47
Name
Bit #
R/W
Default
Description
SW3BILIM
0
R/W
0x00
SW3B current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
unused
SW3BFREQ
3:2
R/W
0x00
SW3B switching frequency selector. See Table 37.
SW3BPHASE
5:4
R/W
0x00
SW3B phase clock selection. See Table 35.
SW3BDVSSPEED
7:6
R/W
0x00
SW3B DVS speed selection. See Table 34.
Table 76. SW3A/B external component requirements
Mode
Components
Description
SW3A/B single
phase
SW3A/B dual
phase
SW3A independent
SW3B independent
CINSW3A(51)
SW3A input capacitor
4.7
μF4.7 μF4.7 μF
CIN3AHF(51)
SW3A decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW3B(51)
SW3B input capacitor
4.7
μF4.7 μF4.7 μF
CIN3BHF(51)
SW3B decoupling input capacitor
0.1
μF0.1 μF0.1 μF
COSW3A(51)
SW3A output capacitor
4 x 22
μF
2 x 22
μF
2 x 22
μF
COSW3B(51)
SW3B output capacitor
–
2 x 22
μF
2 x 22
μF
LSW3A
SW3A inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 3.9 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
LSW3B
SW3B inductor
–
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
Notes
51.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com