Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 61Page - NXP Semiconductors MMPF0100Z Datasheet HTML 62Page - NXP Semiconductors MMPF0100Z Datasheet HTML 63Page - NXP Semiconductors MMPF0100Z Datasheet HTML 64Page - NXP Semiconductors MMPF0100Z Datasheet HTML 65Page - NXP Semiconductors MMPF0100Z Datasheet HTML 66Page - NXP Semiconductors MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors MMPF0100Z Datasheet HTML 68Page - NXP Semiconductors MMPF0100Z Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
NXP Semiconductors
65
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Switch mode supply SW3a/B (continued)
VSW3xLIR
Line regulation (APS, PWM)
–
–
20
mV
VSW3xLOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW3xLOTR
Transient load regulation
• Transient load = 0.0 mA to ISW3x/2, di/dt = 100 mA/μs
Overshoot
Undershoot
–
–
–
–
50
50
mV
ISW3xQ
Quiescent current
PFM mode (single/dual phase)
APS mode (single/dual phase)
PFM mode (independent mode)
APS mode (SW3A independent mode)
APS mode (SW3B independent mode)
–
–
–
–
–
22
300
50
250
150
–
–
–
–
–
µA
RONSW3AP
SW3A P-MOSFET RDS(on)
at VIN = VINSW3A = 3.3 V
–
215
245
m
Ω
RONSW3AN
SW3A N-MOSFET RDS(on)
at VIN = VINSW3A = 3.3 V
–
258
326
m
Ω
ISW3APQ
SW3A P-MOSFET leakage current
VIN = VINSW3A = 4.5 V
––
7.5
µA
ISW3ANQ
SW3A N-MOSFET leakage current
VIN = VINSW3A = 4.5 V
––
2.5
µA
RONSW3BP
SW3B P-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
–
215
245
m
Ω
RONSW3BN
SW3B N-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
–
258
326
m
Ω
ISW3BPQ
SW3B P-MOSFET leakage current
VIN = VINSW3B = 4.5 V
––
7.5
µA
ISW3BPQ
SW3B N-MOSFET leakage current
VIN = VINSW3B = 4.5 V
––
2.5
µA
RSW3xDIS
Discharge resistance
–
600
–
W
Notes
52.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
53.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW3x - VSW3x) = ISW3x* (DCR of Inductor +RONSW3xP + PCB trace resistance).
Table 77. SW3A/B electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V,
ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent
mode, unless otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com