Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 88Page - NXP Semiconductors MMPF0100Z Datasheet HTML 89Page - NXP Semiconductors MMPF0100Z Datasheet HTML 90Page - NXP Semiconductors MMPF0100Z Datasheet HTML 91Page - NXP Semiconductors MMPF0100Z Datasheet HTML 92Page - NXP Semiconductors MMPF0100Z Datasheet HTML 93Page - NXP Semiconductors MMPF0100Z Datasheet HTML 94Page - NXP Semiconductors MMPF0100Z Datasheet HTML 95Page - NXP Semiconductors MMPF0100Z Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
92
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7.0.3
VSNVS specifications
Table 110. VSNVS electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, VSNVS = 3.0 V,
ISNVS = 5.0 μA, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V,
VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VSNVS
VINSNVS
Operating input voltage
Valid coin cell range
Valid VIN
1.8
2.25
–
–
3.3
4.5
V
ISNVS
Operating load current
VINMIN < VIN < VINMAX
5.0
–
400
μA
VSNVS DC, LDO
VSNVS
Output voltage
•5.0
μA < ISNVS < 400 μA (off)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
VTL0/VTH < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5.0
μA < ISNVS < 400 μA (on)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
UVDET < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5
.0 μA < ISNVS < 400 μA (coin cell mode)
2.84 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = 110
1.8 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = [000] - [101]
-5.0%
-8.0%
-5.0%
-4.0%
VCOIN-0.04
-8.0%
3.0
1.0 - 1.8
3.0
1.0 - 1.8
–
1.0 - 1.8
7.0%
7.0%
5.0%
4.0%
VCOIN
7.0%
V
(77)
VSNVSDROP
Dropout voltage
2.85 V < VIN < 2.9 V, VSNVSVOLT[2:0] = 110
5.0
μA < ISNVS < 400 μA
––
50
mV
ISNVSLIM
Current limit
PF0100Z
VIN > VTH1, VSNVSVOLT[2:0] = 110
VIN > VTL0, VSNVSVOLT[2:0] = 000 to 101
VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
PF0100AZ
VIN > VTH1, VSNVSVOLT[2:0] = 110
VIN > VTL0, VSNVSVOLT[2:0] = 000 to 101
VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
750
500
480
1100
500
480
–
–
–
–
–
–
5900
5900
3600
6750
6750
4500
μA
VTH0
VIN threshold (coin cell powered to VIN powered) VIN going high with
valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
2.25
2.40
2.55
V
VTL0
VIN threshold (VIN powered to coin cell powered) VIN going low with
valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
2.20
2.35
2.50
V
VHYST1
VIN threshold hysteresis for VTH1-VTL1
5.0
–
–
mV
VHYST0
VIN threshold hysteresis for VTH0-VTL0
5.0
–
–
mV
VSNVSCROSS
Output voltage during crossover
VSNVSVOLT[2:0] = 110
VCOIN > 2.9 V
Switch to LDO: VIN > 2.825 V, ISNVS = 100 μA
LDO to Switch: VIN < 3.05 V, ISNVS = 100 μA
2.7
–
–
V
(74)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com