Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 89Page - NXP Semiconductors MMPF0100Z Datasheet HTML 90Page - NXP Semiconductors MMPF0100Z Datasheet HTML 91Page - NXP Semiconductors MMPF0100Z Datasheet HTML 92Page - NXP Semiconductors MMPF0100Z Datasheet HTML 93Page - NXP Semiconductors MMPF0100Z Datasheet HTML 94Page - NXP Semiconductors MMPF0100Z Datasheet HTML 95Page - NXP Semiconductors MMPF0100Z Datasheet HTML 96Page - NXP Semiconductors MMPF0100Z Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
NXP Semiconductors
93
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7.1
Coin cell battery backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below the VIN
threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic is powered by the voltage applied to LICELL. The
supply for internal logic and the VSNVS rail switch over to the LICELL pin when VIN goes below VTL1 or VTL0, even in the absence of a
voltage at the LICELL pin, resulting in clearing of memory and turning off VSNVS. Applications concerned about this behavior can tie the
LICELL pin to any system voltage between 1.8 V and 3.0 V. A small capacitor should be placed from LICELL to ground under all
circumstances.
VSNVS AC and transient
tONSNVS
Turn-on time (load capacitor, 0.47
μF)
VIN = UVDET to 90% of VSNVS
VCOIN = 0.0 V, ISNVS = 5.0 μA
VSNVSVOLT[2:0] = 000 to 110
––
24
ms
(75), (76)
VSNVSOSH
Start-up overshoot
VSNVSVOLT[2:0] = 000 to 110
ISNVS = 5.0 μA
dVIN/dt = 50 mV/μs
–40
70
mV
VSNVSLITR
Transient line response ISNVS = 75% of ISNVSMAX
3.2 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
2.45 V < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
–
–
32
22
–
–
mV
VSNVSLOTR
Transient load response
VSNVSVOLT[2:0] = 110
3.1 V (UVDETL)< VIN ≤ 4.5 V
ISNVS = 75 to 750 μA
VSNVSVOLT[2:0] = 000 to 101
2.45 V < VIN ≤ 4.5 V
VTL0 > VIN, 1.8 V ≤ VCOIN ≤ 3.3 V
ISNVS = 40 μA to 400 μA
Refer to Figure 25
2.8
–
–
1.0
–
2.0
V
%
VSNVS DC, switch
VINSNVS
Operating input voltage
Valid coin cell range
1.8
–
3.3
V
ISNVS
Operating load current
5.0
–
400
μA
RDSONSNVS
Internal switch RDS(on)
VCOIN = 2.6 V
–
–
100
W
VTL1
VIN threshold (VIN powered to coin cell powered)
VSNVSVOLT[2:0] = 110
2.725
2.90
3.00
V
(74)
VTH1
VIN threshold (coin cell powered to VIN powered)
VSNVSVOLT[2:0] = 110
2.775
2.95
3.1
V
Notes
74.
During crossover from VIN to LICELL, the VSNVS output voltage may drop to 2.7 V before going to the LICELL voltage. Though this is outside
the specified DC voltage level for the VDD_SNVS_IN pin of the i.MX 6, this momentary drop does not cause a malfunction. The i.MX 6’s RTC
continues to operate through the transition, and as a worst case may switch to the internal RC oscillator for a few clock cycles before switching
back to the external crystal oscillator.
75.
The start-up of VSNVS is not monotonic. It first rises to 1.0 V and then settles to its programmed value within the specified tr1 time.
76.
From coin cell insertion to VSNVS = 1.0 V, the delay time is typically 400 ms.
77.
For 1.8 V ISNVS limited to 100 μA for VCOIN < 2.1 V
Table 110. VSNVS electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, VSNVS = 3.0 V,
ISNVS = 5.0 μA, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V,
VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com