Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 7Page - NXP Semiconductors MMPF0100Z Datasheet HTML 8Page - NXP Semiconductors MMPF0100Z Datasheet HTML 9Page - NXP Semiconductors MMPF0100Z Datasheet HTML 10Page - NXP Semiconductors MMPF0100Z Datasheet HTML 11Page - NXP Semiconductors MMPF0100Z Datasheet HTML 12Page - NXP Semiconductors MMPF0100Z Datasheet HTML 13Page - NXP Semiconductors MMPF0100Z Datasheet HTML 14Page - NXP Semiconductors MMPF0100Z Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
NXP Semiconductors
11
PF0100Z
GENERAL PRODUCT CHARACTERISTICS
4.3
Electrical characteristics
4.3.1
General Specifications
Table 6. Thermal protection thresholds
Parameter
Min.
Typ.
Max.
Units
Notes
Thermal 110 °C threshold (THERM110)
100
110
120
°C
Thermal 120 °C threshold (THERM120)
110
120
130
°C
Thermal 125 °C threshold (THERM125)
115
125
135
°C
Thermal 130 °C threshold (THERM130)
120
130
140
°C
Thermal warning hysteresis
2.0
–
4.0
°C
Thermal protection threshold
130
140
150
°C
Table 7. General PMIC Static Characteristics
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 2.8 V to 4.5 V, VDDIO = 1.7 V to 3.6 V, typical external component
values and full load current range, unless otherwise noted.
Pin name
Parameter
Load condition
Min.
Max.
Unit
PWRON
VIL
–
0.0
0.2 * VSNVS
V
VIH
–
0.8 * VSNVS
3.6
V
RESETBMCU
VOL
-2.0 mA
0.0
0.4
V
VOH
Open drain
0.7* VIN
VIN
V
SCL
VIL
–
0.0
0.2 * VDDIO
V
VIH
–
0.8 * VDDIO
3.6
V
SDA
VIL
–
0.0
0.2 * VDDIO
V
VIH
–
0.8 * VDDIO
3.6
V
VOL
-2.0 mA
0.0
0.4
V
VOH
Open drain
0.7*VDDIO
VDDIO
V
INTB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open drain
0.7* VIN
VIN
V
SDWNB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open drain
0.7* VIN
VIN
V
STANDBY
VIL
–
0.0
0.2 * VSNVS
V
VIH
–
0.8 * VSNVS
3.6
V
VDDOTP
VIL
–0.0
0.3
V
VIH
–1.1
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com