Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 4 Page - NXP Semiconductors

  MMPF0100Z Datasheet HTML 1Page - NXP Semiconductors MMPF0100Z Datasheet HTML 2Page - NXP Semiconductors MMPF0100Z Datasheet HTML 3Page - NXP Semiconductors MMPF0100Z Datasheet HTML 4Page - NXP Semiconductors MMPF0100Z Datasheet HTML 5Page - NXP Semiconductors MMPF0100Z Datasheet HTML 6Page - NXP Semiconductors MMPF0100Z Datasheet HTML 7Page - NXP Semiconductors MMPF0100Z Datasheet HTML 8Page - NXP Semiconductors MMPF0100Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
4
NXP Semiconductors
PF0100Z
ORDERABLE PARTS
1
Orderable parts
The PF0100Z is available with both pre-programmed and non-programmed OTP memory configurations. The non-programmed device
uses “NP” as the programming code. The pre-programmed devices are identified using the program codes from Table 1, which also list
the associated NXP reference designs where applicable. Details of the OTP programming for each device can be found in Table 9.
1.1
PF0100Z version differences
PF0100AZ is an improved version of the PF0100Z power management IC. Table 2 summarizes the difference between the two versions
and should be referred to when migrating from the PF0100Z to the PF0100AZ.
Table 1. Orderable part variations
Part Number
Temperature (TA)
Package
Programming
Reference designs
Notes
MMPF0100NPAZES
-40 °C to 105 °C
56 QFN ES, 8x8 mm
0.5 mm pitch WF-Type
(wettable flank)
NP
MCIMX6QAICPU1
MCIMX6SAICPU1
MCIMX6DLAICPU1
(1), (2), (3)
MMPF0100F0AZES
F0
MCIMX6Q-SDP
MCIMX6Q-SDB
MCIMX6DL-SDP
(1), (2)
MMPF0100F6AZES
F6
-
MMPF0100F8AZES
F8
-
MMPF0100F9AZES
F9
MCIMX6QPlusAICPU3
(1), (2), (3)
MMPF0100FAAZES
FA
-
Notes
1.
For tape and reel add an R2 suffix to the part number.
2.
These reference designs use the default startup configuration (VDDOTP = VCOREDIG), which is available on any OTP programmed part.
3.
SW2 can support an output current rating of 2.5 A in NP, F9 and FA versions when SW2ILIM=0
Table 2. Differences between PF0100Z and PF0100AZ
Description
PF0100Z
PF0100AZ
Version identification
Reading SILICON REV register at address 0x03 will
return 0x11. DEVICEID register at address 0x00 will
read 0x10 in PF0100Z and PF0100AZ
Reading SILICON REV register at address 0x03 will
return 0x21. DEVICEID register at address 0x00 will
read 0x10 in PF0100Z and PF0100AZ
VSNVS current limit
VSNVS current limit increased in the PF0100AZ. see VSNVS LDO/switch
OTP_FUSE_PORx register setting during OTP
programming
In the PF0100Z, FUSE_POR1, FUSE_POR2, and
FUSE_POR3 bits are XOR’ed into the
FUSE_POR_XOR bit. The FUSE_POR_XOR bit
has to be 1 for fuses to be loaded during startup.
This can be achieved by setting any one or all of the
FUSE_PORx bits during OTP programming.
In the PF0100AZ, the XOR function is removed. It is
required to set FUSE_POR1, FUSE_POR2, and
FUSE_POR3 bits during OTP programming.
Erratum ER19
Erratum ER19 applicable to PF0100Z. Applications
expecting to operate in the conditions mentioned in
ER19 need to implement an external workaround to
overcome the problem. Refer to the product errata
for details
Errata ER19 fixed in PF0100AZ. External
workaround not required
Erratum ER20
Erratum ER20 applicable to PF0100Z
Errata ER20 fixed in PF0100AZ
Erratum ER22
Erratum ER22 applicable to PF0100Z
Errata ER22 fixed in PF0100AZ. Workaround not
required
Ambient operating temperature
-40 °C to 85 °C
-40 °C to 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com