Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9545 Datasheet HTML 28Page - Analog Devices AD9545 Datasheet HTML 29Page - Analog Devices AD9545 Datasheet HTML 30Page - Analog Devices AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices AD9545 Datasheet HTML 33Page - Analog Devices AD9545 Datasheet HTML 34Page - Analog Devices AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 32 of 157
THEORY OF OPERATION
Figure 41 summarizes the fundamental building blocks of the
AD9545. The core of the device comprises two independent
PLLs, PLL0 and PLL1. The primary function of the device is to
accept a clock signal at one of the REFx inputs and deliver it to
one (or more) of the OUTxyP and OUTxyN outputs via the two
independent pathways provided by PLL0 and PLL1.
In addition, the device provides a frequency translation between
the input and output by a programmed ratio, while at the same
time suppressing the jitter carried by the input signal.
The AD9545 synthesizes its system clock via a system clock
PLL, which upconverts the frequency applied to the system
clock input pins, XOA and XOB. The system clock input pins
accept frequencies from 20 MHz to 300 MHz from an external
clock source. Alternatively, the user can connect a crystal
resonator (25 MHz to 60 MHz) directly across the XOA and
XOB pins. The AD9545 primary time base for all of its time
keeping functions is the system clock.
The AD9545 supports up to four reference input clock signals with
frequencies ranging from 1 Hz to 750 MHz. Each reference input
has a dedicated reference monitor for detecting if the reference
signal is lost or compromised. The AD9545 can detect reference
faults and automatically switch to one of the other valid reference
inputs with user-programmable priority.
The DPLL portion of each PLL channel includes a programmable
digital loop filter with extremely low loop bandwidth capability.
Low loop bandwidth capability enables a significant reduction
of jitter transfer from the reference input to the output. Each
DPLL provides precise frequency translation by means of a 48-bit
NCO capable of generating clock signals in the range of 162 MHz
to 350 MHz. Furthermore, both DPLLs enable support of
manual or automatic transition to holdover operation.
Holdover operation constitutes the device generating an output
frequency synthesized from the system clock (as opposed to
translating a frequency from a reference input to an output).
During holdover operation, the AD9545 continuously provides
an output clock signal while the system clock is present. The
AD9545 is also capable of setting the holdover output frequency
based on a time average of the output frequency history prior to
the transition to holdover operation.
The output signal from the DPLL routes to the input of the APLL,
which upconverts the signal to a range of 2.424 GHz to 3.232 GHz
or 3.232 GHz to 4.040 GHz (APLL0 or APLL1, respectively). The
APLL VCO output frequency is downconverted by a factor of three
prior to delivery to the clock distribution section.
The clock distribution section consists of a bank of dividers (Q)
and output drivers dedicated to each output pin. The PLL0
channel has six Q divider/driver units, whereas the PLL1
channel has four Q divider/driver units. Each Q divider has 32-
bit programmable division depth and programmable phase
offset control. The drivers operate up to 500 MHz and are
configurable as single-ended or differential output with
adjustable output current (7.5 mA, 12 mA, or 15 mA).
The user also has access to two independent auxiliary NCOs.
These provide for internally generated frequencies up to 65 kHz
with a tuning resolution of 2−40 Hz (approximately 1 pHz). The
user can also access two auxiliary TDCs, which generate high
resolution time stamps associated with the rising edges of an
input signal applied to one of the Mx pins.
The AD9545 includes an integrated temperature sensor and
system clock compensation circuitry, which allows the device to
adjust automatically for frequency drift errors associated with
the system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com