Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices AD9545 Datasheet HTML 39Page - Analog Devices AD9545 Datasheet HTML 40Page - Analog Devices AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices AD9545 Datasheet HTML 43Page - Analog Devices AD9545 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 40 of 157
DC-Coupled LVDS (<10.24 MHz) Interface
Use Figure 28 to make a dc-coupled connection to a standard
LVDS driver having a 1.2 V common-mode output bias. Be sure
to select the dc-coupled LVDS mode via the appropriate REFx
differential mode bit field (Bits[D3:D2] of Register 0x0300 and
Register 0x0304), which provides the appropriate internal level
shifting for the input receiver. This configuration supports input
frequencies up to 10.24 MHz.
Differential AC Coupling (>10.24 MHz)
For differential input signals in excess of 10.24 MHz, refer to
Figure 29 to make an ac-coupled connection to an external
driver. Be sure to select the ac-coupled mode via the appropriate
REFx differential mode bit field (Bits[D3:D2] of Register 0x0300
and Register 0x0304).
Differential DC Coupling (>10.24 MHz)
Use Figure 30 to make a dc-coupled connection to a differential
driver having a 0.6 V common-mode output bias. Be sure to
select the dc-coupled mode via the appropriate REFx differen-
tial mode bit field (Bits[D3:D2] of Register 0x0300 and
Register 0x0304).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com