Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9545 Datasheet HTML 69Page - Analog Devices AD9545 Datasheet HTML 70Page - Analog Devices AD9545 Datasheet HTML 71Page - Analog Devices AD9545 Datasheet HTML 72Page - Analog Devices AD9545 Datasheet HTML 73Page - Analog Devices AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices AD9545 Datasheet HTML 76Page - Analog Devices AD9545 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 73 of 157
The frequency translation factor for phase buildout mode is:
×
×
×
 +
Q
R
M
MOD
FRAC
N
f
f
x
REF
OUTx
2
However, the NCO, VCO, TDCs, and the APLL PFD inputs
each have specific frequency limits. The following formulas
relate fNCO, fVCO, fTDC and fPFD to fREFx, fOUTx, and divider values.
Note that each formula has two solutions: one with respect to
the input frequency (fREFx) and the other with respect to the
output frequency (fOUTx). The user must ensure that fNCO, fVCO,
fTDC and fPFD are within their specified frequency bounds.
fTDC = fREFx/R
= (2 × Q/(M × (N + FRAC/MOD))) × fOUTx
(5)
fNCO = fPFD = (2 × Q/M) × fOUTx
= ((N + FRAC/MOD)/R) × fREFx
(6)
fVCO = 2 × Q × fOUTx
= ((N + FRAC/MOD) × M/R) × fREFx
(7)
When the reference source is auxiliary NCO 0, auxiliary NCO 1, or
the feedback from the other DPLL, then in Euquation 5 through
Equation 6, use R = 1.
INTERNAL ZERO DELAY (HITLESS) MODE
Figure 64 shows the internal zero delay configuration. Internal
zero delay mode is a hitless mode (rather than phase buildout
operating mode), in which the AD9545 gradually changes the
output phase as it realigns to the phase of the new reference.
The user has some control over the magnitude of the output
disturbance via the phase slew limit of the AD9545 and tuning
word clamp features (see the Phase Slew Rate Limit section and
Tuning Word Offset Clamp section, respectively).
In internal zero delay mode, the feedback path of the PLL origi-
nates at the output a user selected Q divider in the output
distribution section. The feedback Q divider selection is via the
5-bit unsigned internal/external zero delay feedback path bit
field (where x is the PLL channel (0 or 1) and y is the profile
number (0 to 5)). The internal/external zero delay feedback path
bit fields reside in Bits[D4:D0] of Register 0x1202, Register 0x1222,
Register 0x1242, Register 0x1262, Register 0x1282, Register
0x12A2, Register 0x1602, Register 0x1622, Register 0x1642,
Register 0x1662, Register 0x1682, and Register 0x16A2.
REFx
TDC
INTERNAL ZERO DELAY
OUTxyN/
OUTxyP
REFX
TDC
AD9545
R
AUX
NCO 0/NCO 1
TDC
TDC
OTHER DPLL
FEEDBACK
TDC
TDC
DIGITAL CROSS
POINT MUX
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
M-DIVIDER
N-DIVIDER
TDC
OUTPUT
DISTRIBUTION
DPLL
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA XOB
Q
APLL
0
1
VCO
÷2
Figure 64. Internal Zero Delay PLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com