Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9545 Datasheet HTML 83Page - Analog Devices AD9545 Datasheet HTML 84Page - Analog Devices AD9545 Datasheet HTML 85Page - Analog Devices AD9545 Datasheet HTML 86Page - Analog Devices AD9545 Datasheet HTML 87Page - Analog Devices AD9545 Datasheet HTML 88Page - Analog Devices AD9545 Datasheet HTML 89Page - Analog Devices AD9545 Datasheet HTML 90Page - Analog Devices AD9545 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 87 of 157
FACQ Bandwidth Control
The FACQ feature is active when the user programs the 4-bit
unsigned Profile x.y fast acquisition excess bandwidth bit field
with a nonzero value. The Profile x.y fast acquisition excess
bandwidth bit fields reside in Bits[3:0] of Register 0x1216,
Register 0x1236, Register 0x1256, Register 0x1276, Register 0x1296,
Register 0x12B6, Register 0x1616, Register 0x1636, Register
0x1656, Register 0x1676, Register 0x1696, and Register 0x16B6.
When this value is nonzero, the FACQ controller uses the value
to define the maximum starting loop bandwidth (BW0). The
value in the Profile x.y fast acquisition excess bandwidth bit
field defines BW0 by scaling the value in the Profile x.y loop
bandwidth bit field by a power of two.
Assume the Profile x.y loop bandwidth bit field is set to yield a
0.0001 Hz (100 µHz) loop bandwidth. To set BW0 to 0.0512 Hz,
program Profile x.y fast acquisition excess bandwidth = 9.
BW0 = 0.0001 Hz × 2Profile x.y Fast Acquisition Excess Bandwidth
= 0.0001 Hz × 29
= 0.0001 Hz × 512
= 0.0512 Hz
In the preceding example, when the DPLL begins the signal
acquisition process, the starting loop bandwidth for the fast
acquisition sequence is 512 times wider than the final value.
After the DPLL acquires phase lock, the FACQ controller
tightens the loop bandwidth by a factor of two and waits for
phase lock. This bandwidth tightening process repeats until the
loop bandwidth reaches the value specified in the Profile x.y
loop bandwidth bit field. By using wider loop bandwidths
during the signal acquisition process, the fast acquisition feature
achieves lock much quicker than the DPLL. The phase lock
characteristic of the loop is subject to the DPLL lock detector
settings (see the DPLL Lock Detectors section).
FACQ Settling Time Control
Because each step in the FACQ process relies on phase lock
indication to continue on to the next step, it is important that
the phase lock indication not chatter. That is, a noisy reference
can cause the phase lock indicator to switch intermittently
between lock and unlock until the loop settles to a stable lock
condition. If the lock indicator chatters, it may cause the FACQ
controller to advance prematurely.
To help minimize the effect of a chattering phase lock indication,
the FACQ controller allows the user to specify a lock indication
settling time via the 3-bit unsigned Profile x.y fast acquisition
lock settle time bit field. The Profile x.y fast acquisition lock
settle time bit fields reside in Bits[D2:D0] of Register 0x1217,
Register 0x1237, Register 0x1257, Register 0x1277, Register
0x1297, Register 0x12B7, Register 0x1617, Register 0x1637,
Register 0x1657, Register 0x1677, Register 0x1697, and
Register 0x16B7.
The value of the Profile x.y fast acquisition lock settle time bit field
tells the FACQ controller how long to observe a nonchanging
phase lock indication before moving on to the next step. Table 43
show the available settling time durations.
Table 43. FACQ Lock Detect Settling Time
Profile x.y Fast Acquisition Lock Settle
Time Bit Field Value
Settle Time
0
1 ms
1
10 ms
2
50 ms
3
100 ms
4
500 ms
5
1 sec
6
10 sec
7
50 sec
In operation, if the DPLL indicates a phase unlock within the
settling period, the FACQ controller does not advance to the
next step. Instead, it resets the settling timer, waits for the next
indication of phase lock and invokes the settling period again.
This process continues until the phase lock remains for the full
duration of the prescribed settling time.
FACQ Timeout Control
To prevent the FACQ controller from stalling because the DPLL
fails to reach a phase locked condition, the controller has a timeout
mechanism. That is, at each step in the fast acquisition process,
the FACQ controller waits for the DPLL to phase lock (and
settle), but only up to a user defined maximum amount of time.
The user specifies the maximum time for the FACQ controller
to wait for phase lock via the 3-bit unsigned Profile x.y fast
acquisition timeout bit field. The Profile x.y fast acquisition
timeout bit fields reside in Bits[D6:D4] of Register 0x1217,
0x1237, Register 0x1257, Register 0x1277, Register 0x1297,
Register 0x12B7, Register 0x1617, Register 0x1637, Register
0x1657, Register 0x1677, Register 0x1697, and Register 0x16B7.
The available timeout values appear in Table 44. If the FACQ
controller does not observe phase lock and settling within the
prescribed timeout interval, the FACQ controller automatically
advances to the next step in the fast acquisition process. When
the FACQ controller reaches the final bandwidth step and the
DPLL indicates phase lock within the specified settle time, the
FACQ controller sets the DPLLx FACQ done bit in Bit D5 of
Register 0x3102 or Register 0x3202. However, if the FACQ
controller reaches the last step due to a timeout, it does not set
the DPLLx FACQ done bit.
Table 44. FACQ Timeout
Profile x.y Fast Acquisition Timeout Bit Field Value
Settle Time
0
10 ms
1
50 ms
2
100 ms
3
500 ms
4
1 sec
5
10 sec
6
50 sec
7
100 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com