Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9545 Datasheet HTML 15Page - Analog Devices AD9545 Datasheet HTML 16Page - Analog Devices AD9545 Datasheet HTML 17Page - Analog Devices AD9545 Datasheet HTML 18Page - Analog Devices AD9545 Datasheet HTML 19Page - Analog Devices AD9545 Datasheet HTML 20Page - Analog Devices AD9545 Datasheet HTML 21Page - Analog Devices AD9545 Datasheet HTML 22Page - Analog Devices AD9545 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 19 of 157
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Low Period of the SCL Clock, tLOW
1.3
µs
High Period of the SCL Clock, tHIGH
0.6
µs
SCL/SDA Rise Time, tR
20 + 0.1 × CB
300
ns
SCL/SDA Fall Time, tF
20 + 0.1 × CB
300
ns
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
100
ns
Capacitive Load for Each Bus Line, CB
400
pF
LOGIC INPUT SPECIFICATIONS (RESETB, M0 TO M6)
Table 20.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESETB
Valid for 3.3 V ≥ VDDIOA ≥ 1.8 V; internal 100 kΩ pull-up resistor
Input Voltage
High, VIH
VDDIOA − 0.4
V
Low, VIL
0.4
V
Input Current
High, IINH
1
µA
Low, IINL
±15
±125
µA
LOGIC INPUTS (M0 to M6)
Valid for 3.3 V ≥ VDDIOx ≥ 1.8 V; VDDIOA applies to the M5 pin and
the M6 pin; VDDIOB applies to the M0, M1, M2, M3, and M4 pins;
the M3 and M4 pins have internal 100 kΩ pull-down resistors
Frequency Range
51
MHz
Input Voltage
High, VIH
VDDIOx − 0.4
V
Low, VIL
0.4
V
Input Current, IINH, IINL
±15
±125
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com