Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9545 Datasheet HTML 26Page - Analog Devices AD9545 Datasheet HTML 27Page - Analog Devices AD9545 Datasheet HTML 28Page - Analog Devices AD9545 Datasheet HTML 29Page - Analog Devices AD9545 Datasheet HTML 30Page - Analog Devices AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices AD9545 Datasheet HTML 33Page - Analog Devices AD9545 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 30 of 157
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
10
100
1k
PHASE MARGIN:88.5°
PEAKING: <0.1dB
ATTENUATION:
AT LOOP BW: 5.5dB
2× LOOP BW: 18dB/DECADE
100× LOOP BW: 41dB/DECADE
1000× LOOP BW: 60dB/DECADE
OFFSET FREQUENCY (Hz)
BW = 10MHz
BW = 100MHz
BW = 1Hz
BW = 10Hz
BW = 100Hz
Figure 21. DPLL Closed-Loop Transfer Function Nominal Phase Margin
Loop Filter Setting
–30
–25
–20
–15
–10
–5
0
5
0.001
0.01
0.1
1
OFFSET FREQUENCY (Hz)
10
100
1000
PHASE MARGIN:70°
PEAKING: 1.07dB
ATTENUATION:
AT LOOP BW: 2.5dB
2× LOOP BW: 21dB/
DECADE
100× LOOP BW: 60dB/
DECADE
BW = 10MHz
BW = 100MHz
BW = 1Hz
BW = 10Hz
BW = 100Hz
Figure 22. DPLL Closed-Loop Transfer Function High Phase Margin Loop
Filter Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com