Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9545 Datasheet HTML 13Page - Analog Devices AD9545 Datasheet HTML 14Page - Analog Devices AD9545 Datasheet HTML 15Page - Analog Devices AD9545 Datasheet HTML 16Page - Analog Devices AD9545 Datasheet HTML 17Page - Analog Devices AD9545 Datasheet HTML 18Page - Analog Devices AD9545 Datasheet HTML 19Page - Analog Devices AD9545 Datasheet HTML 20Page - Analog Devices AD9545 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 17 of 157
AUXILIARY CIRCUIT SPECIFICATIONS
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIME TO DIGITAL CONVERTERS (TDCs)
Periodic Operation
Applicable to all TDCs contained within the AD9545
Frequency Range
1
2 × 105
Hz
Timestamp Jitter (RMS)
20
ps
System clock source = 52 MHz crystal
NCOs
These NCOs are called AUXNCO0 and AUXNCO1 in the
register map and evaluation software
Fundamental Frequency
Range
1
65,535
Hz
Quantization
1.27
1.37
pHz
pHz is picohertz
Phase Slew Limiter
5
232
ppb
Actual units are fractional part (ideal)/actual unit interval (UI)
Output Signal
Pulse Width
38
ns
Duty Cycle
45
55
%
Assumes the device is programmed to produce a nominal
pulse width of 50%
Quantization
1.4
ns
SYSTEM CLOCK COMPENSATION SPECIFICATIONS
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIRECT COMPENSATION
Resolution
0.028
ppt
ppt is parts per trillion (10−12)
CLOSED-LOOP COMPENSATION
(AUXILIARY DPLL)
Phase Detector Frequency
2
200
kHz
Loop Bandwidth
0.1
2 × 103
Hz
Reference Monitor Threshold
5
%
TEMPERATURE SENSOR SPECIFICATIONS
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE
Accuracy
Absolute
5
°C
TA = −50°C to +110°C
Relative
1.7
%
TA = −50°C to +110°C
Resolution
0.0078
°C
16-bit (signed) resolution
Conversion time
0.18
ms
REPEATABILITY
±0.02
°C
TA = 25°C
DRIFT
0.1
°C
500 hour stress test at 100°C
SERIAL PORT SPECIFICATIONS
Serial Port Interface (SPI) Mode
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CSB
Valid for VDDIOA = 1.8 V, 2.5 V, and 3.3 V
Input Logic 1 Voltage
VDDIOA − 0.4
V
Input Logic 0 Voltage
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com