Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9545 Datasheet HTML 17Page - Analog Devices AD9545 Datasheet HTML 18Page - Analog Devices AD9545 Datasheet HTML 19Page - Analog Devices AD9545 Datasheet HTML 20Page - Analog Devices AD9545 Datasheet HTML 21Page - Analog Devices AD9545 Datasheet HTML 22Page - Analog Devices AD9545 Datasheet HTML 23Page - Analog Devices AD9545 Datasheet HTML 24Page - Analog Devices AD9545 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 21 of 157
PHASE NOISE
Table 23.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE NOISE
System clock doubler enabled; high phase margin mode
enabled; there is not a significant jitter difference between
driver modes
Channel 0—DPLL0, APLL0
Channel 1 powered down
RMS Jitter (12 kHz to 20 MHz)
Configuration 1—155.52 MHz
Device configuration: fOSC = 52 MHz crystal, fREF = 38.88 MHz,
fVCO = 2488.32 MHz, fOUT = 155.52 MHz, DPLL BW = 50 Hz,
phase buildout operation
10 Hz Offset
−81
dBc/Hz
100 Hz Offset
−98
dBc/Hz
1 kHz Offset
−118
dBc/Hz
10 kHz Offset
−128
dBc/Hz
100 kHz Offset
−134
dBc/Hz
1 MHz Offset
−144
dBc/Hz
10 MHz Offset
−158
dBc/Hz
Floor
−161
dBc/Hz
Configuration 2—245.76 MHz
Device configuration: fOSC = 52 MHz crystal, fREF = 30.72 MHz, fVCO
= 2457.6 MHz, fOUT = 245.76 MHz, DPLL BW = 50 Hz, internal
zero delay operation
10 Hz Offset
−77
dBc/Hz
100 Hz Offset
−93
dBc/Hz
1 kHz Offset
−114
dBc/Hz
10 kHz Offset
−125
dBc/Hz
100 kHz Offset
−130
dBc/Hz
1 MHz Offset
−140
dBc/Hz
10 MHz Offset
−156
dBc/Hz
Floor
−161
dBc/Hz
Configuration 3—491.52 MHz
Device configuration: fOSC = 52 MHz crystal, fCOMP = 19.2 MHz
TCXO, BWCOMP = 50 Hz, fREF = 1 Hz, fVCO = 2949.12 MHz, fOUT =
491.52 MHz, DPLL BW = 50 mHz, phase buildout operation
10 Hz Offset
−74
dBc/Hz
100 Hz Offset
−89
dBc/Hz
1 kHz Offset
−108
dBc/Hz
10 kHz Offset
−119
dBc/Hz
100 kHz Offset
−123
dBc/Hz
1 MHz Offset
−134
dBc/Hz
10 MHz offset
−152
dBc/Hz
Floor
−159
Configuration 4—125 MHz
Device configuration: fOSC = 52 MHz crystal, fCOMP = 19.2 MHz
TCXO, BWCOMP = 50 Hz, fREF = 125 MHz, fVCO = 2500 MHz,
fOUT = 125 MHz, DPLL BW = 0.1 Hz, phase buildout operation
10 Hz Offset
−84
dBc/Hz
100 Hz Offset
−106
dBc/Hz
1 kHz Offset
−120
dBc/Hz
10 kHz Offset
−131
dBc/Hz
100 kHz Offset
−136
dBc/Hz
1 MHz Offset
−147
dBc/Hz
10 MHz Offset
−160
dBc/Hz
Floor
−163
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com