Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9545 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices AD9545 Datasheet HTML 39Page - Analog Devices AD9545 Datasheet HTML 40Page - Analog Devices AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices AD9545 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 39 of 157
REFERENCE CLOCK INPUT RECEIVERS
REFERENCE CLOCK RECEIVERS OVERVIEW
The AD9545 has four reference clock input pins supporting up
to four reference clock signals. Two of the four pins designate
the A reference input path, and the other two pins designate the
B reference input path. Both the A and B reference inputs are
configurable as either one differential input or as two single-ended
inputs, allowing the AD9545 to handle up to four reference
clock signals. Each A and B reference input path has a dedicated
REFx input mode bit (where x is A or B) for selecting single-
ended or differential modes in Bit D0 of Register 0x0300 and
Register 0x0304 (Logic 0 (default) selects single-ended mode
and Logic 1 differential mode). To accommodate input signals
with slow rising and falling edges, both the differential and
single-ended input receivers employ hysteresis. Hysteresis also
ensures that a disconnected or floating input does not cause the
receiver to oscillate.
SINGLE-ENDED MODE
When configured for single-ended operation, the input
receivers accommodate either ac- or dc-coupled input signals
•
AC-coupled interface
•
DC-coupled 1.2 V CMOS
•
DC-coupled 1.8 V CMOS
•
Internal pull-up resistor
For programming the desired coupling, use the 2-bit REFx
single-ended mode bit fields (where x is A, AA, B, or BB) in
Bits[D7:D4] of Register 0x0300 and Register 0x0304. These bit
fields are only effective when single-ended mode is in effect.
Table 27 shows the settings for the single-ended mode bit fields.
Table 27. REFx Single-Ended Mode Bit Field Settings
REFx Single-Ended
Mode (Decimal)
Description
0
AC-coupled interface
1
DC-coupled 1.2 V CMOS
2
DC-coupled 1.8 V CMOS
3
Internal pull-up resistor (disable
pull-down resistor)
The ac-coupled mode has an internal bias termination
equivalent to a 0.6 V dc source with a 23.5 kΩ series resistance.
The dc-coupled modes have a 47 kΩ resistor connected to
ground. The internal pull-up mode has a 47 kΩ resistor
connected to 1.2 V.
Single-Ended DC-Coupled Interface (1.2 V or 1.8 V CMOS)
Refer to Figure 25 for connecting a 1.2 V or 1.8 V CMOS driver to
a reference input. Be sure to select the corresponding DC-coupled
1.2 V or 1.8 V CMOS mode via the appropriate REFx single-ended
mode bit field (Bits[D7:D4] of Register 0x0300 and Register
0x0304).
Single-Ended DC-Coupled Internal Pull-Up Resistor
Refer to Figure 27 for connecting an open-collector or open-drain
driver to a reference input. Be sure to select the internal pull-up
mode via the appropriate REFx single-ended mode bit field
(Bits[D7:D4] of Register 0x0300 and Register 0x0304), which
provides an internal pull-up resistor (~47 kΩ) to 1.2 V.
Single-Ended AC-Coupled Interface
Refer to Figure 26 to ac-couple a driver to a reference input. Be
sure to select the ac-coupled interface mode via the appropriate
REFx single-ended mode bit field (Bits[D7:D4] of Register
0x0300 and Register 0x0304), which provides the appropriate
internal bias network.
DIFFERENTIAL MODE
When configured for differential operation, the input receivers
accommodate either ac- or dc-coupled input signals
•
AC-coupled
•
DC-coupled
•
DC-coupled LVDS
For programming the desired coupling, there are two bit fields: one
for the REFA and REFAA differential inputs and one for the REFB
and REFBB differential inputs. Use the REFx differential mode bit
field (where x is A or B) in Bits[D3:D2] of Register 0x0300 and
Register 0x0304. The REFx differential mode bit field is only
effective when the corresponding differential mode is in effect.
Table 28 shows the settings for the single-ended mode bit fields.
Table 28. REFx Differential Mode Settings
REFx Differential Mode
(Decimal)
Description
0
AC-coupled
1
DC-coupled
2
DC-coupled LVDS
The ac-coupled mode has an internal bias termination on each
differential input pin, which has a Thevenin equivalent of a
0.6 V dc source in series with a 23.5 kΩ series. The dc-coupled
mode expects the external driver to provide a 0.6 V common-
mode bias. The dc-coupled LVDS mode expects a 1.2 V
common-mode source with LVDS signal levels – as delivered by
a standard LVDS driver.
For differential mode operating frequencies in excess of
10.24 MHz, use the ac-coupled differential mode and connect
the reference input clock signal to the reference input pins
through a series dc blocking capacitor. For differential mode
operating frequencies below 10.24 MHz, use dc-coupled
differential mode. For direct connection of a low frequency
(below 10.24 MHz) LVDS input reference source, use dc-
coupled LVDS mode, which provides the necessary level
shifting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com