Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 46 of 80
Table 36 to Table 39 show the output duty cycle for various configurations of the channel divider and VCO divider.
Table 36. Channel Divider Output Duty Cycle with VCO Divider ≠ 1; Input Duty Cycle Is 50%
VCO Divider
DX
Output Duty Cycle
N + M + 2
Disable Divider x DCC = 1b
Disable Divider x DCC = 0b
Even
Channel divider bypassed
50%
50%
Odd = 3
Channel divider bypassed
33.3%
50%
Odd = 5
Channel divider bypassed
40%
50%
Even, odd
Even
(N + 1)/(N + M + 2)
50%, requires M = N
Even, odd
Odd
(N + 1)/(N + M + 2)
50%, requires M = N + 1
Table 37. Channel Divider Output Duty Cycle with VCO Divider ≠ 1; Input Duty Cycle Is X%
VCO Divider
DX
Output Duty Cycle
N + M + 2
Disable Divider x DCC = 1b
Disable Divider x DCC = 0b
Even
Channel divider bypassed
50%
50%
Odd = 3
Channel divider bypassed
33.3%
(1 + X%)/3
Odd = 5
Channel divider bypassed
40%
(2 + X%)/5
Even
Even
(N + 1)/(N + M + 2)
50%, requires M = N
Even
Odd
(N + 1)/(N + M + 2)
50%, requires M = N + 1
Odd = 3
Even
(N + 1)/(N + M + 2)
50%, requires M = N
Odd = 3
Odd
(N + 1)/(N + M + 2)
(3N + 4 + X%)/(6N + 9), requires M = N + 1
Odd = 5
Even
(N + 1)/(N + M + 2)
50%, requires M = N
Odd = 5
Odd
(N + 1)/(N + M + 2)
(5N + 7 + X%)/(10N + 15), requires M = N + 1
Table 38. Channel Divider Output Duty Cycle When the VCO Divider Is Enabled and Set to 1
Input Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Divider x DCC = 1b
Disable Divider x DCC = 0b
Any
Even
(N + 1)/(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/(M + N + 2)
50%, requires M = N + 1
X%
Odd
(N + 1)/(M + N + 2)
(N + 1 + X%)/(2 × N + 3), requires M = N + 1
The channel divider must be enabled when the VCO divider = 1.
Table 39. Channel Divider Output Duty Cycle When the VCO Divider Is Bypassed
Input Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Divider x DCC = 1b
Disable Divider x DCC = 0b
Any
Channel divider bypassed
Same as input duty cycle
Same as input duty cycle
Any
Even
(N + 1)/(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/(M + N + 2)
50%, requires M = N + 1
X%
Odd
(N + 1)/(M + N + 2)
(N + 1 + X%)/(2 × N + 3), requires M = N + 1
The internal VCO has a duty cycle of 50%. Therefore, when the
VCO is connected directly to the output, the duty cycle is 50%.
If the CLK input is routed directly to the output, the duty cycle of
the output is the same as the CLK input.
Phase Offset or Coarse Time Delay
Each channel divider allows for a phase offset or a coarse time
delay to be programmed by setting register bits (see Table 40).
These settings determine the number of cycles (successive rising
edges) of the channel divider input frequency by which to offset,
or delay, the rising edge of the output of the divider. This delay
is with respect to a nondelayed output (that is, with a phase offset
of zero). The amount of the delay is set by five bits loaded into
the phase offset (PO) register plus the start high (SH) bit for each
channel divider.
When the start high bit is set, the delay is also affected by the
number of low cycles (M) programmed for the divider.
The SYNC function must be used to make phase offsets effective
(see the Synchronizing the Outputs—SYNC Function section).
Table 40. Setting Phase Offset and Division
Divider
Start
High
(SH) Bits
Phase
Offset
(PO) Bits
Low Cycles,
MValue Bits
High Cycles,
N Value Bits
0
0x191[4]
0x191[3:0]
0x190[7:4]
0x190[3:0]
1
0x194[4]
0x194[3:0]
0x193[7:4]
0x193[3:0]
2
0x197[4]
0x197[3:0]
0x196[7:4]
0x196[3:0]
3
0x19A[4]
0x19A[3:0]
0x199[7:4]
0x199[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com