Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 78 of 80
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs of the AD9520-1 provide the lowest jitter
clock signals available from the AD9520-1. The LVPECL
outputs (because they are open emitter) require a dc
termination to bias the output transistors. The simplified
equivalent circuit in Figure 54 shows the LVPECL output stage.
In most applications, an LVPECL far-end Thevenin termination
(see Figure 71) or Y-termination (see Figure 72) is recommended.
In both cases, VS of the receiving buffer should match the VS_DRV. If
it does not, ac coupling is recommended (see Figure 73).
VS_DRV
LVPECL
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_DRV
LVPECL
127Ω
127Ω
83Ω
83Ω
Figure 71. DC-Coupled 3.3 V LVPECL Far-End Thevenin Termination
VS_DRV
LVPECL
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
Figure 72. DC-Coupled 3.3 V LVPECL Y-Termination
VS_DRV
LVPECL
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 73. AC-Coupled LVPECL with Parallel Transmission Line
LVPECL Y-Termination
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter-follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue. In the case
where VS_DRV = 2.5 V, the 50 Ω termination resistor connected to
ground in Figure 72 should be changed to 19 Ω.
Far-End Thevenin Termination
Far-end Thevenin termination uses a resistor network to
provide 50 Ω termination to a dc voltage that is below VOL of
the LVPECL driver. In this case, VS_DRV on the AD9520-1 should
equal VS of the receiving buffer. Although the resistor combination
shown results in a dc bias point of VS_DRV − 2 V, the actual common-
mode voltage is VS_DRV − 1.3 V because there is additional current
flowing from the AD9520-1 LVPECL driver through the pull-
down resistor.
The circuit is identical for the case where VS_DRV = 2.5 V, except that
the pull-down resistor is 62.5 Ω and the pull-up resistor is 250 Ω.
CMOS CLOCK DISTRIBUTION
The output drivers of the AD9520-1 can be configured as
CMOS drivers. When selected as a CMOS driver, each output
becomes a pair of CMOS outputs, each of which can be
individually turned on or off and set as inverting or
noninverting. These outputs are 3.3 V or 2.5 V CMOS
compatible. However, every output driver (including the
LVPECL drivers) must be run at either 2.5 V or 3.3 V. The user
cannot mix and match 2.5 V and 3.3 V outputs.
When using single-ended CMOS clocking, consider the following
guidelines:
•
Using the CMOS drivers in the same output channel group
as the LVPECL drivers may result in performance degradation
of the LVPECL drivers. Where possible, program the two
CMOS drivers that form the same output of a differential
pair to be out of phase such that one driver is high while
the other is low. It is recommended that the evaluation
board be used to verify the performance of the AD9520-1
in demanding applications where both CMOS and
LVPECL drivers are in the same group, and the very best
jitter performance is required.
•
If possible, design point-to-point connections such that
each driver has only one receiver. Connecting outputs in
this manner allows for simple termination schemes and
minimizes ringing due to possible mismatched impedances
on the output trace. Series termination at the source is
generally required to provide transmission line matching
and/or to reduce current transients at the driver.
•
The value of the resistor is dependent on the board design
and timing requirements (typically 10 Ω to 100 Ω is used).
CMOS outputs are also limited in terms of the capacitive
load or trace length that they can drive. Typically, trace
lengths of less than 3 inches are recommended to preserve
signal rise/fall times and signal integrity.
CMOS
CMOS
10Ω
60.4Ω
(1.0 INCH)
MICROSTRIP
Figure 74. Series Termination of CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com