Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
Data Sheet
AD9520-1
Rev. B | Page 71 of 80
Table 55. Output Driver Control
Reg.
Addr.
(Hex) Bits
Name
Description
0x0F0 7
OUT0 format
Selects the output type for OUT0.
0: LVPECL (default).
1: CMOS.
[6:5] OUT0 CMOS
configuration
Sets the CMOS output configuration for OUT0 when Register 0x0F0[7] = 1b.
Bits[6:5]
OUT0A
OUT0B
00
01
10
11 (default)
Tristate
On
Tristate
On
Tristate
Tristate
On
On
[4:3] OUT0 polarity
Sets the output polarity for OUT0.
Bit 7
Bit 4
Bit 3
Output Type
OUT0A
OUT0B
0 (default)
0
1
1
1
1
X
X
0 (default)
0
1
1
0 (default)
1
0
1
0
1
LVPECL
LVPECL
CMOS
CMOS
CMOS
CMOS
Noninverting
Inverting
Noninverting
Inverting
Noninverting
Inverting
Inverting
Noninverting
Noninverting
Inverting
Inverting
Noninverting
[2:1] OUT0 LVPECL
differential
voltage
Sets the LVPECL output differential voltage (VOD).
Bit 2
Bit 1
VOD (mV)
0
0
1 (default)
1
0
1
0 (default)
1
400
600
780
960
0
OUT0 LVPECL
power-down
LVPECL power-down.
0: normal operation (default).
1: safe power-down.
0x0F1 [7:0] OUT1 control
This register controls OUT1, and the bit assignments for this register are identical to Register 0x0F0.
0x0F2 [7:0] OUT2 control
This register controls OUT2, and the bit assignments for this register are identical to Register 0x0F0.
0x0F3 [7:0] OUT3 control
This register controls OUT3, and the bit assignments for this register are identical to Register 0x0F0.
0x0F4 [7:0] OUT4 control
This register controls OUT4, and the bit assignments for this register are identical to Register 0x0F0.
0x0F5 [7:0] OUT5 control
This register controls OUT5, and the bit assignments for this register are identical to Register 0x0F0.
0x0F6 [7:0] OUT6 control
This register controls OUT6, and the bit assignments for this register are identical to Register 0x0F0.
0x0F7 [7:0] OUT7 control
This register controls OUT7, and the bit assignments for this register are identical to Register 0x0F0.
0x0F8 [7:0] OUT8 control
This register controls OUT8, and the bit assignments for this register are identical to Register 0x0F0.
0x0F9 [7:0] OUT9 control
This register controls OUT9, and the bit assignments for this register are identical to Register 0x0F0.
0x0FA [7:0] OUT10 control
This register controls OUT10, and the bit assignments for this register are identical to Register 0x0F0.
0x0FB [7:0] OUT11 control
This register controls OUT11, and the bit assignments for this register are identical to Register 0x0F0.
0x0FC 7
CSDLD en OUT7
OUT7 is enabled only if the CSDLD signal is high.
Bit 7
CSDLD
Signal
OUT7 Enable Status
0
1
1
0
0
1
Not affected by CSDLD signal (default).
Asynchronous power-down.
Asynchronously enables OUT7 if not powered down by other settings. For this feature, use current
source digital lock detect and set the enable LD pin comparator bit (Register 0x01D[3]).
6
CSDLD en OUT6
OUT6 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
5
CSDLD en OUT5
OUT5 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
4
CSDLD en OUT4
OUT4 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
3
CSDLD en OUT3
OUT3 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
2
CSDLD en OUT2
OUT2 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
1
CSDLD en OUT1
OUT1 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0
CSDLD en OUT0
OUT0 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0x0FD [7:4] Unused
Unused.
3
CSDLD en OUT11 OUT11 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
2
CSDLD en OUT10 OUT10 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
1
CSDLD en OUT9
OUT9 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0
CSDLD en OUT8
OUT8 is enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com