Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 58 of 80
EEPROM OPERATIONS
The AD9520-1 contains an internal EEPROM (nonvolatile
memory). The EEPROM can be programmed by users to create
and store a user-defined register setting file when the power is
off. This setting file can be used for power-up and chip reset as a
default setting. The EEPROM size is 512 bytes.
Note that, to guarantee proper loading of the EEPROM during
startup, a high-low-high pulse on the RESET pin should occur
after the power supply has stabilized.
During the data transfer process, the write and read registers via
the serial port are generally not available except for one readback
register, STATUS_EEPROM.
To determine the data transfer state through the serial port
in SPI mode, users can read the value of STATUS_EEPROM
(1b = in process; 0b = completed).
In I²C mode, the user can address the AD9520-1 slave port with
the external I²C master (send an address byte to the AD9520-1).
If the AD9520-1 responds with a no acknowledge bit, the data
transfer process does not take place. If the AD9520-1 responds with
an acknowledge bit, the data transfer process is completed. The
user can monitor the STATUS_EEPROM register or program
the STATUS pin to monitor the status of the data transfer.
WRITING TO THE EEPROM
The EEPROM cannot be programmed directly through the serial
port interface. To program the EEPROM and store a register
setting file, do the following:
1. Program the AD9520-1 registers to the desired circuit state. If
the user wants the PLL to lock automatically after power-up,
the VCO calibration now bit (Register 0x018[0]) must be
set to 1b. This allows VCO calibration to start
automatically after register loading. Note that a valid input
reference signal must be present during VCO calibration.
2. Program the EEPROM buffer registers, if necessary (see
the Programming the EEPROM Buffer Segment section).
This step is necessary only if the user wants to use the
EEPROM to control the default setting of some (but not
all) of the AD9520-1 registers, or to control the register
setting update sequence during power-up or chip reset.
3. Set the enable EEPROM write bit (Register 0xB02[0]) to 1b
to enable the EEPROM.
4. Set the REG2EEPROM bit (Register 0xB03[0]) to 1b.
5. Set the IO_UPDATE bit (Register 0x232[0]) to 1b, which
starts the process of writing data into the EEPROM to
create the EEPROM setting file. This enables the AD9520-1
EEPROM controller to transfer the current register values,
as well as the memory address and instruction bytes from
the EEPROM buffer segment, into the EEPROM. After the
write process is completed, the internal controller sets
Register 0xB03[0] (REG2EEPROM) back to 0b.
The STATUS_EEPROM bit in the readback register
(Register 0xB00[0]) is used to indicate the data transfer
status between the EEPROM and the control registers
(0b = complete/inactive; 1b = in process/ active). At the start
of the data transfer, STATUS_EEPROM is set to 1b by the
EEPROM controller and cleared to 0b at the end of the data
transfer. The STATUS_EEPROM bit can be accessed through
the STATUS pin when the STATUS pin is programmed to
monitor the STATUS_EEPROM bit. Alternatively, the user
can monitor the STATUS_EEPROM bit directly by reading
the register.
6. When the data transfer process is done (Register 0xB00[0] =
0b), set the enable EEPROM write bit (Register 0xB02[0])
to 0b to disable writing to the EEPROM.
To verify that the data transfer has completed correctly, ensure
that Register 0xB01[0] = 0b. A value of 1b in this register indicates
a data transfer error. When an EEPROM save/load transfer is
complete, wait a minimum of 10 µs before starting the next
EEPROM save/load transfer.
READING FROM THE EEPROM
The following reset-related events can start the process of
restoring the settings stored in EEPROM to control registers.
When the EEPROM pin is set high, do any of the following:
•
Power up the AD9520.
•
Perform a hardware chip reset by pulling the RESET pin
low and then releasing RESET.
•
Set the self-clearing soft reset bit (Register 0x000[5]) to 1b.
When the EEPROM pin is set low, set the self-clearing
SOFT_EEPROM bit (Register 0xB02[1]) to 1b. The AD9520-1
then starts to read the EEPROM and loads the values into the
active registers.
If the EEPROM pin is low during reset or power-up, the
EEPROM is not active, and the AD9520-1 default values are
loaded instead.
Note that, when using the EEPROM to automatically load the
AD9520-1 register values and lock the PLL, the VCO
calibration now bit (Register 0x018[0]) must be set to 1b when
the register values are written to the EEPROM. This allows
VCO calibration to start automatically after register loading. A
valid input reference signal must be present during VCO
calibration.
To verify that the data transfer has completed correctly, verify
that Register 0xB01[0] = 0b. A value of 1b in this register indicates
a data transfer error. When an EEPROM save/load transfer is
complete, wait a minimum of 10 µs before starting the next
EEPROM save/load transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com