Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 74 of 80
Reg.
Addr.
(Hex) Bits
Name
Description
0x19A 7
Divider 3 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 3 ignore SYNC
Ignores SYNC.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 3 force high
Forces divider output to a specific state. This requires that ignore SYNC also be set. Note that
this bit has no effect if the channel divider is bypassed, but the driver polarity can still be reversed.
0: divider output is forced to low (default).
1: divider output is forced to the setting stored in Bit 4 of this register.
4
Divider 3 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 3 phase offset
Phase offset (default: 0x0).
0x19B [7:3]
Unused
Unused.
2
Channel 3 power-down
Channel 3 powers down.
0: normal operation (default).
1: powered down. (Setting this bit puts OUT9/OUT9, OUT10/OUT10, and OUT11/OUT11 into
safe power-down mode.)
1
Channel 3 direct-to-output
Connects OUT9, OUT10, and OUT11 to Divider 3 or directly to VCO or CLK.
0: OUT9, OUT10, and OUT11 are connected to Divider 3 (default).
1: If Register 0x1E1[1:0] = 10b, the VCO is routed directly to OUT9, OUT10, and OUT11.
If Register 0x1E1[1:0] = 00b, the CLK is routed directly to OUT9, OUT10, and OUT11.
If Register 0x1E1[1:0] = 01b, there is no effect.
0
Disable Divider 3 DCC
Duty-cycle correction function.
0: enables duty-cycle correction (default); 1: disables duty-cycle correction.
Table 57. VCO Divider and CLK Input
Reg.
Addr.
(Hex) Bits
Name
Description
0x1E0 [2:0]
VCO divider
Bit 2
Bit 1
Bit 0
Divide
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
2 (default)
3
4
5
6
Output static
1 (bypass)
Output static
0x1E1 [7:5]
Unused
Unused.
4
Power down clock input
section
Powers down the clock input section (including CLK buffer, VCO divider, and CLK tree).
0: normal operation (default).
1: power-down.
3
Power down VCO clock
interface
Powers down the interface block between VCO and clock distribution.
0: normal operation (default).
1: power-down.
2
Power down VCO and CLK
Powers down both the VCO and the CLK input.
0: normal operation (default).
1: power-down.
1
Select VCO or CLK
Selects either the VCO or the CLK as the input to VCO divider.
0: selects external CLK as input to VCO divider (default).
1: selects VCO as input to VCO divider; VCO divider cannot be bypassed when this bit is set.
This bit must be set to use the PLL with the internal VCO.
0
Bypass VCO divider
Bypasses or uses the VCO divider.
0: uses VCO divider (default).
1: bypasses VCO divider; VCO cannot be selected as input when this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com