Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Data Sheet
AD9520-1
Rev. B | Page 69 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
[4:0]
REFMON pin
control
Selects the signal that is connected to the REFMON pin.
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Level or
Dynamic
Signal
Signal at REFMON Pin
0
0
0
0
0
LVL
Ground, dc (default).
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
0
0
0
1
0
DYN
REF2 clock (N/A in differential mode).
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in differential mode).
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
0
0
1
0
1
LVL
Status of selected reference (status of differential reference); active high.
0
0
1
1
0
LVL
Status of unselected reference (not available in differential mode); active high.
0
0
1
1
1
LVL
Status of REF1 frequency; active high.
0
1
0
0
0
LVL
Status of REF2 frequency; active high.
0
1
0
0
1
LVL
(Status of REF1 frequency) AND (status of REF2 frequency).
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
0
1
0
1
1
LVL
Status of VCO frequency; active high.
0
1
1
0
0
LVL
Selected reference (low = REF1, high = REF2).
0
1
1
0
1
LVL
DLD; active high.
0
1
1
1
0
LVL
Holdover active; active high.
0
1
1
1
1
LVL
N/A. Do not use.
1
0
0
0
0
LVL
VS (PLL power supply).
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in differential mode).
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in differential mode).
1
0
1
0
1
LVL
Status of selected reference (status of differential reference); active low.
1
0
1
1
0
LVL
Status of unselected reference (not available in differential mode); active low.
1
0
1
1
1
LVL
Status of REF1 frequency; active low.
1
1
0
0
0
LVL
Status of REF2 frequency; active low.
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (status of REF2 frequency).
1
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
1
0
1
1
LVL
Status of VCO frequency; active low.
1
1
1
0
0
LVL
Selected reference (low = REF2, high = REF1).
1
1
1
0
1
LVL
DLD; active low.
1
1
1
1
0
LVL
Holdover active; active low.
1
1
1
1
1
LVL
N/A. Do not use.
0x01C 7
Disable
switchover
deglitch
Disables or enables the switchover deglitch circuit.
0: enables the switchover deglitch circuit (default).
1: disables the switchover deglitch circuit.
6
Select REF2
If Register 0x01C[5] = 0b, selects the reference for PLL when in manual; register selected reference control.
0: selects REF1 (default).
1: selects REF2.
5
Use REF_SEL pin If Register 0x01C[4] = 0b (manual), sets the method of PLL reference selection.
0: uses Register 0x01C[6] (default).
1: uses REF_SEL pin.
4
Enable automatic
reference
switchover
Automatic or manual reference switchover. Single-ended reference mode must be selected by Register 0x01C[0] = 0b.
0: manual reference switchover (default).
1: automatic reference switchover. Setting this bit also powers on REF1 and REF2 and overrides the settings in Register 0x01C[2:1].
3
Stay on REF2
Stays on REF2 after switchover.
0: returns to REF1 automatically when REF1 status is good again (default).
1: stays on REF2 after switchover. Does not automatically return to REF1.
2
Enable REF2
This bit turns the REF2 power on. This bit is overridden when automatic reference switchover is enabled.
0: REF2 power off (default).
1: REF2 power on.
1
Enable REF1
This bit turns the REF1 power on. This bit is overridden when automatic reference switchover is enabled.
0: REF1 power off (default).
1: REF1 power on.
0
Enable
differential ref
Selects the PLL reference mode, differential or single-ended. Register 0x01C[2:1] should be cleared when this bit is set.
0: single-ended reference mode (default); 1: differential reference mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com