Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 63Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 64 of 80
REGISTER MAP DESCRIPTIONS
Table 51 to Table 61 provide a detailed description of each of the control register functions.
Table 51. SPI Mode Serial Port Configuration
Reg.
Addr.
(Hex)
Bits
Name
Description
0x000
7
SDO active
Selects unidirectional or bidirectional data transfer mode.
0: SDIO pin is used for write and read; SDO pin is high impedance (default).
1: SDO pin is used for read; SDIO pin is used for write; unidirectional mode.
6
LSB first/addr incr
SPI MSB or LSB data orientation. (This bit is ignored in I2C mode.)
0: data-oriented MSB first; the addressing decrements (default).
1: data-oriented LSB first; the addressing increments.
5
Soft reset
Soft reset.
1 (self-clearing): if the EEPROM pin is high, soft reset loads the register values from the EEPROM. If the
EEPROM pin is low, soft reset loads the register values to the on-chip defaults.
4
Unused
Unused
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror Bits[7:4] so that it does not matter whether the part is in MSB or LSB first mode
(see Register 0x000[6]). Set the bits as follows:
Bit 0 = Bit 7.
Bit 1 = Bit 6.
Bit 2 = Bit 5.
Bit 3 = Bit 4.
0x003
[7:0]
Part ID (read only)
Uniquely identifies the dash version (AD9520-0 to AD9520-5) of the
AD9520, as follows:
AD9520-0: 0x20.
AD9520-1: 0x60.
AD9520-2: 0xA0.
AD9520-3: 0x61.
AD9520-4: 0xE1.
AD9520-5: 0xE0.
0x004
[7:1]
Unused
Unused.
0
Read back active
registers
Selects register bank used for a readback.
0: reads back buffer registers (default).
1: reads back active registers.
Table 52. I2C Mode Serial Port Configuration
Reg.
Addr.
(Hex)
Bits
Name
Description
0x000
[7:6]
Unused
Unused
5
Soft reset
Soft reset.
1 (self-clearing): if the EEPROM pin is high, soft reset loads the register values from the EEPROM. If the
EEPROM pin is low, soft reset loads the register values to the on chip defaults.
4
Unused
Unused
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror Bits[7:4] so that it does not matter whether the part is in MSB or LSB first mode.
See Table 51, Register 0x000, Bits[3:0].
0x003
[7:0]
Part ID (read only)
Uniquely identifies the dash version (AD9520-0 to AD9520-5) of the AD9520-1. See Table 51, Register 0x003.
0x004
[7:1]
Unused
Unused.
0
Read back active
registers
Selects register bank used for a readback.
0: reads back buffer registers (default).
1: reads back active registers.
Table 53. EEPROM Customer Version ID
Reg.
Addr.
(Hex)
Bits
Name
Description
0x005
[7:0]
EEPROM customer
version ID (LSB)
16-bit EEPROM ID[7:0]. This register, along with Register 0x006, allows the user to store a unique ID to
identify which version of the
AD9520-1 register settings is stored in the EEPROM. It does not affect AD9520-
1 operation in any way (default: 0x00).
0x006
[7:0]
EEPROM customer
version ID (MSB)
16-bit EEPROM ID[15:8]. This register, along with Register 0x005, allows the user to store a unique ID to
identify which version of the
AD9520-1 register settings is stored in the EEPROM. It does not affect AD9520-1
operation in any way (default: 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com