Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
AD9520-1
Data Sheet
Rev. B | Page 76 of 80
Table 61. EEPROM Control
Reg.
Addr.
(Hex)
Bits
Name
Description
0xB00
[7:1]
Unused
Unused.
0
STATUS_EEPROM
(read only)
This read-only register indicates the status of the data transfer between the EEPROM and the buffer
register bank during the writing and reading of the EEPROM. This signal is also available at the STATUS
pin when Register 0x01D[7] is set.
0: data transfer is complete.
1: data transfer is not complete.
0xB01
[7:1]
Unused
Unused.
0
EEPROM data error
(read only)
This read-only register indicates an error during the data transfer between the EEPROM and the buffer.
0: no error. Data is correct.
1: incorrect data detected.
0xB02
[7:2]
Unused
Unused.
1
SOFT_EEPROM
When the EEPROM pin is tied low, setting SOFT_EEPROM resets the AD9520-1 using the settings
saved in the EEPROM.
1: soft reset with EEPROM settings (self-clearing).
0
Enable EEPROM
write
Enables the user to write to the EEPROM.
0: EEPROM write protection is enabled. User cannot write to the EEPROM (default).
1: EEPROM write protection is disabled. User can write to the EEPROM. Once an EEPROM save/load
transfer is complete, the user must wait a minimum of 10 µs before starting the next EEPROM
save/load transfer.
0xB03
[7:1]
Unused
Unused.
0
REG2EEPROM
Transfers data from the buffer register to the EEPROM (self-clearing).
1: setting this bit initiates the data transfer from the buffer register to the EEPROM (writing process);
it is reset by the I²C master after the data transfer is complete. Once an EEPROM save/load transfer
is complete, the user must wait a minimum of 10 µs before starting the next EEPROM save/load transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com