Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 63Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
Data Sheet
AD9520-1
Rev. B | Page 63 of 80
Addr.
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
VCO Divider and CLK Input
0x1E0
VCO divider
Unused
Unused
VCO divider
0x00
0x1E1
Input CLKs
Unused
Unused
(default = 01b)
Power
down
clock input
section
Power down
VCO clock
interface
Power
down
VCO and
CLK
Select
VCO or CLK
Bypass VCO
divider
0x20
0x1E2
to
0x22A
Unused
Unused
0x00
System
0x230
Power-down
and SYNC
Unused
Disable
power-on
SYNC
Power
down
SYNC
Power down
distribution
reference
Soft SYNC
0x00
0x231
Unused
Unused
Unused
0x00
Update All Registers
0x232
IO_UPDATE
Unused
IO_UPDATE
(self-clearing)
0x00
0x233
to
0x9FF
Unused
Unused
0x00
EEPROM Buffer Segment
0xA00
Serial port
configuration
Data transfer: one byte
0x00
0xA01
Starting address: Address 0x000
0x00
0xA02
0x00
0xA03
EEPROM
customer
version ID
Data transfer: three bytes
0x02
0xA04
Starting address: Address 0x004
0x00
0xA05
0x04
0xA06
PLL settings
Data transfer: 16 bytes
0x0E
0xA07
Starting address: Address 0x010
0x00
0xA08
0x10
0xA09
Output driver
control
Data transfer: 16 bytes
0x0E
0xA0A
Starting address: Address 0x0F0
0x00
0xA0B
0xF0
0xA0C
LVPECL channel
dividers
Data transfer: 12 bytes
0x0B
0xA0D
Starting address: Address 0x190
0x01
0xA0E
0x90
0xA0F
VCO divider and
CLK input
Data transfer: two bytes
0x01
0xA10
Starting address: Address 0x1E0
0x01
0xA11
0xE0
0xA12
Power-down and
SYNC
Data transfer: two bytes
0x01
0xA13
Starting address: Address 0x230
0x02
0xA14
0x30
0xA15
I/O update
Action: IO_UPDATE
0x80
0xA16
End of data
Action: end of data
0xFF
0xA17
to
0xAFF
Unused
Unused
(available for additional EEPROM instructions)
0x00
EEPROM Control
0xB00
EEPROM status
(read only)
Unused
Unused
STATUS_
EEPROM
0x00
0xB01
EEPROM error
checking
(read only)
Unused
Unused
EEPROM
data error
0x00
0xB02
EEPROM
Control 1
Unused
SOFT_EEPROM
(self-clearing)
Enable
EEPROM write
0x00
0xB03
EEPROM
Control 2
Unused
Unused
REG2EEPROM
(self-clearing)
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com