Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC911LC4BTR-R5 Datasheet HTML 1Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 2Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 3Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 4Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC911
Rev. B | Page 3 of 13
SPECIFICATIONS
TA = 25°C, VCC = 3.3 V, VAC = 2.6 V, VEE = GND = 0 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Voltage
3.13
3.3
3.47
V
±5% tolerance
Current
460
530
mA
TIME DELAY RANGE
VDCP = 3.9 V, VDCN = 3.3 V
10 GHz
62
70
71
ps
18 GHz
64
70
73
ps
22 GHz
66
70
75
ps
TIME DELAY SENSITIVITY
Voltage
116
ps/V
Temperature
0.04
ps/°C
VDCP = VDCN = 3.3 V at 18 GHz
PHASE SHIFT RANGE
VDCP = 3.9 V, VDCN = 3.3 V
10 GHz
210
250
Degrees
18 GHz
400
475
Degrees
22 GHz
515
595
Degrees
MAXIMUM DATA RATE
32
Gbps
MAXIMUM CLOCK FREQUENCY
24
GHz
DELAY CONTROL
Modulation Bandwidth
1.6
GHz
Voltage (VDCP and VDCN)
VCC − 0.6
VCC + 0.6
V
INPUT VOLTAGE
Low (VIL)
VCC − 500
VCC − 200
VCC − 25
mV
High (VIH)
VCC + 25
VCC + 200
VCC + 500
mV
INPUT AMPLITUDE, PEAK TO PEAK
Single Ended
50
1000
mV p-p
Differential
100
2000
mV p-p
OUTPUT AMPLITUDE
VAC = 2.6 V
10 GHz
370
390
640
mV p-p
Single-ended
740
780
1280
mV p-p
Differential
18 GHz
350
375
640
mV p-p
Single-ended
700
750
1280
mV p-p
Differential
22 GHz
340
350
640
mV p-p
Single-ended
680
700
1280
mV p-p
Differential
CONTROL VOLTAGE (VAC)
1.7
2.6
2.7
V
HARMONIC SUPPRESSION (fIN − 2fIN)1, 2
VDCP = VDCN = 3.3 V
10 GHz
21
32
dBc
20 GHz
19
30
dBc
RETURN LOSS
Frequency < 24 GHz
Input
9
dB
Output
10
dB
RMS JITTER
0.3
ps, p-p
32 Gbps, 10101 … data
TIME3
Rise (tR)
15
ps
Fall (tF)
14
ps
PROPAGATION DELAY
480
ps
VDCP = 2.7 V, VDCN = 3.3 V (relative to zero time delay)
1
Harmonic suppression measurements were taken for single-ended inputs and outputs.
2
fIN is the fundamental frequency.
3
VINPUT = differential 400 mV p-p, and fDATA = 22.5 Gbps, and pseudorandom bit sequences (PRBS) 233 − 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com