Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 4Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HMC911
Data Sheet
Rev. B | Page 8 of 13
2468
10
12
14
16
18
20
22
24
FREQUENCY (GHz)
50
55
60
65
70
75
80
+85°C
+25°C
–40°C
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
VDCP = 3.9V
Figure 17. Programmable Maximum Time Delay vs. Frequency for Various
Temperatures
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
200
225
250
275
300
325
350
375
400
3.13
3.30
3.47
VAC = 2.6V
VDCP = VDCN = 3.3V
fIN = 18GHz
Figure 18. Single-Ended Output Voltage Swing vs. Supply Voltage for Various
Temperatures
AMPLITUDE CONTROL VOLTAGE (V)
+85°C
+25°C
–40°C
1.7
1.8
1.9
2.0
2.2
2.4
2.6
2.5
2.3
2.1
2.7
0
50
100
150
200
250
300
350
400
450
VDCP = VDCN = 3.3V
VCC = 3.3V
fIN = 10GHz
Figure 19. Single-Ended Output Voltage Swing vs. Amplitude Control Voltage
(VAC) for Various Temperatures
2468
10
12
14
16
18
20
22
24
FREQUENCY (GHz)
50
55
60
65
70
75
80
3.13V
3.30V
3.47V
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
VDCP = 3.9V
Figure 20. Programmable Maximum Time Delay vs. Frequency for Various
Voltages
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
3.13
3.30
3.47
200
250
300
350
400
450
500
550
600
VAC = 2.6V
VDCP = VDCN = 3.3V
fIN = 18GHz
Figure 21. DC Current vs. Supply Voltage for Various Temperatures
AMPLITUDE CONTROL VOLTAGE (V)
+85°C
+25°C
–40°C
1.71.81.92.0
2.2
2.4
2.6
2.5
2.3
2.1
2.7
200
250
300
350
400
450
500
550
600
VDCP = VDCN = 3.3V
VCC = 3.3V
fIN = 10GHz
Figure 22. DC Current vs. Amplitude Control Voltage (VAC) for Various
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com