Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC911LC4BTR-R5 Datasheet HTML 1Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 2Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 3Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 4Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HMC911
Data Sheet
Rev. B | Page 4 of 13
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Power Supply Voltage (VCC)
−0.5 V to +3.75 V
Input Voltage (VIN)
VCC – 1.2 V to
VCC + 0.6 V
Output Voltage (VOUT)
VCC – 1.2 V to
VCC + 0.6 V
Delay Control Voltage (VDCP, VDCN)
0 V to VCC + 0.6 V
Power-Down (Enable) Pin (EN)
0 V to VCC + 0.6 V
Amplitude Control (VAC)
0 V to VCC + 0.6 V
Continuous Power Dissipation, PDISS (TA =
85°C, Derate 54.96 mW/°C above 85°C)
2.2 W
Thermal Resistance (Junction to Ground
Paddle)
18.2°C/W
Channel Temperature (TC)
125°C
Maximum Peak Reflow Temperature (MSL3)1
260°C
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
Class 1B
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
1 See the Ordering Guide section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com