Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 3Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 4Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
HMC911
Rev. B | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
0
10
20
30
40
50
60
70
80
10GHz
16GHz
20GHz
22GHz
24GHz
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 11. Normalized Time Delay vs. Differential Delay Control Voltage,
Differential Delay Control Voltage Represents VDCP − VDCN Voltage on the X-Axis
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
0
10
20
30
40
50
60
70
80
+85°C
+25°C
–40°C
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 12. Normalized Time Delay vs. Differential Delay Control Voltage at
22 GHz for Various Temperatures, Differential Delay Control Voltage
Represents VDCP − VDCN Voltage on the X-Axis
56
78
9
10 11
13
12
15
14
16
18
17
19 20
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
VDCP – VDCN = –0.6V
VDCP – VDCN = –0.4V
VDCP – VDCN = –0.2V
VDCP – VDCN = 0V
VDCP – VDCN = +0.2V
VDCP – VDCN = +0.4V
VDCP – VDCN = +0.6V
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 13. fIN Power – 2fIN Power vs. Frequency
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
DIFFERENTIAL DELAY CONTROL VOLTAGE (V)
0
10
20
30
40
50
60
70
80
3.13V
3.30V
3.47V
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 14. Normalized Time Delay vs. Differential Delay Control Voltage at
22 GHz for Various Voltages, Differential Delay Control Voltage Represents
VDCP − VDCN Voltage on the X-Axis
2468
10
12
14
16
18
20
22
24
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 15. Time Delay vs. Frequency at VDCP = 2.7 V to 3.9 V with 0.1 V Step
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
–8
–6
–4
–2
0
2
4
6
8
VDCP – VDCN = –0.6V (REFERENCE)
VDCP – VDCN = –0.4V
VDCP – VDCN = –0.2V
VDCP – VDCN = 0V
VDCP – VDCN = +0.2V
VDCP – VDCN = +0.4V
VDCP – VDCN = +0.6V
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 16. Time Delay Error vs. Frequency at Mean Frequency (fMEAN) = 18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com