Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 12Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HMC911
Data Sheet
Rev. B | Page 10 of 13
FREQUENCY (GHz)
0246
8
10
12
14
18
16
22
20
24
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
INN
INP
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 29. Input Return Loss vs. Frequency,
99.1mV/DIV
20ps/DIV
TIME DELAY = 37ps
VCC = 3.3V
VAC = 2.6V
VDCP IS VARIED FROM 2.7V TO 3.3V
(50% OF THE WHOLE DELAY RANGE)
INPUT DATA = SINGLE-ENDED 400mV p-p 16GHz CLOCK SIGNAL
Figure 30. Output Eye Diagram Continuous Snapshot for 16 GHz Input
100M
1G
10G
MODULATION FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
+85°C
+25°C
–40°C
VAC = 2.6V
VCC = 3.3V
Figure 31. Maximum Time Delay vs. Modulation Frequency,
Input Data Rate = 22.5 Gbps, PRBS 233 – 1, 6 dBm Input Power Applied to
VDCP and VDCN Terminated to 50 Ω
FREQUENCY (GHz)
0246
8
10
12
14
18
16
22
20
24
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
QN
QP
VAC = 2.6V
VDCN = 3.3V
VCC = 3.3V
Figure 32. Output Return Loss vs. Frequency,
96.4mV/DIV
20ps/DIV
TIME DELAY = 45.2ps
VCC = 3.3V
VAC = 2.6V
VDCP = 1200mV p-p AT 1800MHz,
VDCN = 50Ω TERMINATED,
INPUT DATA = DIFFERENTIAL 400mV p-p, 10Gbps NRZ,
PRBS 223 – 1 PATTERN
Figure 33. Output Eye Diagram Continuous Snapshot for 10 Gbps Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com