Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC911LC4BTR-R5 Datasheet HTML 1Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 2Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 3Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 4Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Broadband Analog Time Delay to 24 GHz
Data Sheet
HMC911
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very wide bandwidth to 24 GHz
Time delay range: 70 ps typical
Single-ended or differential operation
Adjustable differential output amplitude with 780 mV p-p typical
at 10 GHz
Delay control modulation bandwidth: 1.6 GHz typical
Single supply: 3.3 V
24-terminal ceramic, leadless chip carrier (LCC)
APPLICATIONS
Synchronization of clock and data
Transponder design
Serial data transmissions up to 32 Gbps
Broadband test and measurement
RF ATE applications
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
COMPENSATION
AND BIAS
13
6
EN
VEE
5
GND
14 GND
4
INN
15 QN
3
INP
16 QP
2
GND
17 GND
1
NC
18 NC
VCC
VCC
VCC
VCC
AMP
BUF
GND
PACKAGE
BASE
BUF
HMC911
Figure 1.
GENERAL DESCRIPTION
The HMC911 is a broadband time delay with 62 ps to 75 ps
continuously adjustable delay range to 24 GHz. The delay control
is linearly monotonic with respect to the differential delay control
voltage (VDCP and VDCN), and the control input has a modulation
bandwidth of 1.6 Hz. The HMC911 provides a differential
output voltage with constant amplitude for single-ended or
differential input voltages above the input sensitivity level, and
the output voltage swing can be adjusted using the VAC control pin.
The HMC911 features internal temperature compensation and
bias circuitry to minimize delay variations with temperature. All
RF inputs and outputs of the HMC911 are internally terminated
with 50 Ω to VCC and can be ac-coupled or dc-coupled. Output
pins connect directly to a 50 Ω to VCC terminated system.
However, use dc blocking capacitors if the terminated system
input is 50 Ω to a dc voltage other than VCC.
The HMC911 is available in a RoHS-compliant, 24-terminal,
ceramic, leadless chip carrier.


Similar Part No. - HMC911LC4BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC911LC4B HITTITE-HMC911LC4B Datasheet
1Mb / 11P
BROADBAND ANALOG
More results

Similar Description - HMC911LC4BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
BROADBAND ANALOG TIME DELAY, DC - 24 GHz
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
DAQ10501 TELEDYNE-DAQ10501 Datasheet
236Kb / 2P
0.05 TO 10.0 GHz BROADBAND DAQ10501 ANALOG DETECTOR
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
BROADBAND TIME DELAY & PHASE SHIFTER
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
BROADBAND ANALOG TIME DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com