Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 12Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
HMC911
Rev. B | Page 11 of 13
APPLICATIONS INFORMATION
EVALUATION PRINTED CIRCUIT BOARD (PCB)
Generate the evaluation PCB used in this application with
proper RF circuit design techniques. Signal lines at the RF port
must have 50 Ω impedance, and the package ground leads and
exposed paddle must be connected directly to the ground plane
similar to what is shown in Figure 34. Use a sufficient number
of via holes to connect the top and bottom ground planes.
Mount the evaluation board to an appropriate heat sink. The
evaluation PCB shown is available from Analog Devices, Inc.,
upon request.
Figure 34. 600-00070-00-1 (EVAL01-HMC911LC4B) Evaluation Board
Bill of Materials
Table 4.
Component
Description
J1 to J4
K connectors
J5, J6
SMA connectors
J7, J8
SMA connectors for through calibration
TP1 to TP6
DC test points
C1, C3 to C6
1 nF capacitors, 0402 package
C2, C7 to C10
0.1 μF capacitors, 0402 package
C9
100 nF capacitor, 0402 package
C11 to C14
4.7 μF tantalum capacitors
U1
HMC911 analog phase shifter
PCB
600-00070-00-1 (EVAL01-HMC911LC4B1) evaluation PCB, circuit board material: Rogers 4350 or Arlon 25 FR
1 Reference this number when ordering the completed evaluation PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com