Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 12Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HMC911
Data Sheet
Rev. B | Page 12 of 13
TYPICAL APPLICATION CIRCUIT
Figure 35 shows the typical application circuit. Note that TP2 goes to ground and is not shown in Figure 35.
C11
4.7µF
C2
0.1µF
C1
1nF
VCC
TP6
13
6
5
14
4
15
3
16
2
17
1
18
C14
4.7µF
C10
0.1µF
C5
1nF
VEE
TP3
C9
100nF
C6
1nF
EN
TP1
INP
J1
INN
J2
QP
J3
QN
J4
C12
4.7µF
C8
0.1µF
C3
1nF
VAC
TP5
C13
4.7µF
C7
0.1µF
C4
1nF
VEE
TP4
VDCP
J5
VDCN
J6
TEMPERATURE
COMPENSATION
AND BIAS
VCC
VCC
VCC
VCC
AMP
BUF
BUF
HMC911
Figure 35. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com