Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4BTR-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC911LC4BTR-R5
Description  Broadband Analog Time Delay to 24 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC911LC4BTR-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC911LC4BTR-R5 Datasheet HTML 5Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 6Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 7Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 8Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 9Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 10Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 11Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 12Page - Analog Devices HMC911LC4BTR-R5 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
HMC911
Rev. B | Page 13 of 13
OUTLINE DIMENSIONS
12
0.50
BSC
2.50 REF
BOTTOM VIEW
TOP VIEW
SIDE VIEW
SEATING
PLANE
1.02 MAX
2.50 SQ
1
24
7
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.36
0.30
0.24
PIN 1
(0.32 × 0.32)
EXPOSED
PAD
PIN 1
INDICATOR
4.13
4.00 SQ
3.87
3.10 BSC
Figure 36. 24-Terminal Ceramic Leadless Chip [LCC]
(E-24-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Body Material
Lead Finish
MSL Rating2
Package Description
Package
Option
HMC911LC4B
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
24-Terminal LCC
E-24-1
HMC911LC4BTR
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
24-Terminal LCC
E-24-1
HMC911LC4BTR-R5
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
24-Terminal LCC
E-24-1
EVAL01-HMC911LC4B
Evaluation Board
1 The HMC911LC4B, HMC911LC4BTR, and HMC911LC4BTR-R5 are RoHS Compliant Parts.
2 See the Absolute Maximum Ratings section for additional information.
©2014–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14816-0-10/16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com