Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH7108 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 3 of 14
Data Sheet
Rev. 008
May/03
1
Theory of Operation
1.1
General
As depicted in Fig.1, the TH7108 transmitter consists of a fully integrated voltage-controlled oscillator (VCO),
a divide-by-32 divider (div32), a phase-frequency detector (PFD) and a charge pump. An external loop filter
at pin LF determines the dynamic behavior of the PLL and suppresses reference spurious signals. The
VCO’s output signal feeds the power amplifier (PA). RF signal power Po can be adjusted in six steps from
Po = –15 dBm to +1 dBm either by changing the value of resistor RPS or by varying the voltage VPS at pin
PS. The open-collector differential output (OUT1, OUT2) can be used to either directly drive a loop antenna
or to be converted to a single-ended impedance by means of a balanced-to-unbalanced (balun) transformer.
For maximum available output power, the differential output should be matched to a load of about 1 k
Ω.
Bandgap biasing ensures stable operation of the IC at a power supply range of 2.2 V to 5.5 V.
1.2
Block Diagram
Fig. 1: Block diagram with external components
LF1
1
16
2
LF2
SUB
PA
mode
control
VCO
PFD
div32
charge
pump
RF1
RPS
CF2
CF1
VCC
PS
15
9
DATA
CKOUT
3
4
5
8
XOSC
div 8
RO2
RO1
XTAL
CX1
CX2
VCC 10
VEE
14
OUT1
OUT2
VCC
13
12
11
ENTX
VEE
ENCK
7
6
antenna
or
balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com