Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 12Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 9 of 14
Data Sheet
Rev. 008
May/03
5
Test Circuit
Fig. 2: Test circuit for FSK, ASK and FM;
with 50
Ω matching network
5.1
Test circuit component list (Fig. 2)
Part
Size
Value
Tolerance
Description
CF1
0603
5.6 nF
±10%
loop filter capacitor
CF2
0603
27 pF
±10%
loop filter capacitor
CX1_FSK
0603
56 pF
±5%
XOSC capacitor for FSK (
∆f = ±30 kHz), note 1
CX1_ASK
0603
18 pF
±5%
XOSC capacitor for ASK, trimmed to fC, note 1
CX2
0603
1 nF
±5%
XOSC capacitor (for FSK only), note 1
CX3
0603
1 nF
±10%
XOSC capacitor (for FM only)
C1
0603
0.47 pF
±5%
impedance matching capacitor
C2
0805
1.0 pF
±5%
impedance matching capacitor
C3
0805
1.8 pF
±5%
impedance matching capacitor
C4
0603
150 pF
±5%
impedance matching capacitor
C5
0603
330 pF
±10%
blocking capacitor
C6
0603
330 pF
±10%
blocking capacitor
C7
1206
220 nF
±20%
blocking capacitor
L1
0603
10 nH
±5%
impedance matching inductor
L2
0603
15 nH
±5%
impedance matching inductor
L3
0805
15 nH
±5%
impedance matching inductor
RF1
0805
1.6 k
Ω
±10%
loop filter resistor
RF2
0805
2.0 k
Ω
±10%
loop filter resistor
RPS
0805
56 k
Ω
±10%
power-select resistor
R1
0805
470 k
Ω
±10%
optional pull-up resistor
R2
0805
30 k
Ω
±10%
varactor bias resistor, (for FM only)
R3
0805
0
Ω
±10%
ASK jumper, (for ASK only)
V1
SOD323
BB535
varactor diode (for FM only)
XTAL
HC49/S
27.1344 MHz
fundamental wave
±30ppm calibr.
±30ppm temp.
crystal, Cload = 12 pF to 15 pF, C0, max = 7 pF,
Rm, max = 40
Ω
Note 1: value depends on crystal parameters
XTAL
CX2
CX1
RF1
R2
R3
CX3
R1
CF1
CF2
C7
RPS
RF2
V1
1 2
12
12
3
12
1 2
1 2
L2
C6
L1
C5
C1
OUT
L3
C3
C4
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com