Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 12Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 13Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 12 of 14
Data Sheet
Rev. 008
May/03
7
Package Information
Fig. 8: QSOP16 (Quarter size Small Outline Package)
all Dimension in mm, coplanarity < 0.1mm
D
E1
E
A
A1
A2
e
b
ZD
C
L
α
αα
α
min
4.80
3.81
5.79
1.35
0.10
1.37
0.20
0.19
0.40
0°
max
4.98
3.99
6.20
1.75
0.25
1.50
0.635
0.30
0.230
0.25
1.27
8°
all Dimension in inch, coplanarity < 0.004”
min
0.189
0.150
0.228
0.0532 0.0040
0.054
0.008
0.075
0.016
0°
max
0.196
0.157
0.244
0.0688 0.0098
0.059
0.025
0.012
0.009
0.098
0.050
8°
7° 3°
+
7°
L
0.254
(0.010)
DETAIL-A
0.36 x 45°
(0.0014x45°)
BSC
DETAIL-A
C
b
ZD
e
D
1
16
.10 (.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com