Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH7108 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 5 of 14
Data Sheet
Rev. 008
May/03
3
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
LF1
output
LF1
1
200
Ω
charge pump output, con-
nection to loop filter
2
SUB
ground
negative power supply, sub-
strate connection
3
DATA
input
DATA
3
1.8k
FSK data input,
CMOS-compatible
4
RO2
analog I/O
RO2
4
XOSC FSK pulling pin,
MOS switch
5
RO1
analog I/O
RO1
5
28p
28p
37k
XOSC connection to XTAL,
Colpitts type crystal oscilla-
tor
6
ENTX
input
ENTX
6
1.1k
mode control input, CMOS-
compatible with internal pull-
down
7
ENCK
input
ENCK
7
1.1k
mode control input, CMOS-
compatible with internal pull-
down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com