Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 8 of 14
Data Sheet
Rev. 008
May/03
4.4
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Standby current
ISBY
ENCK=0, ENTX=0
0.05
0.1
µA
Clock only current
ICLK
ENCK=1, ENTX=0
0.7
0.9
1.6
mA
Operating current
ICC
ENCK=x, ENTX=1,
RPS=56k
Ω
7
9.5
14
mA
Input current
IIN
DATA=x, ENCK=0,
ENTX=0
-1
1
µA
Pull down current
IPD
ENCK=1, ENTX=1
3
8
30
µA
Pull up current
IPS
ENCK=1, ENTX=1
14
20
24
µA
MOS switch On resistance
RON
DATA=0, ENTX=1
10
25
80
Ω
4.5
AC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V;
ENCK = 1, ENTX = 1, RPS = 56 k
Ω, f
c = 868.3 MHz, test circuit shown in Fig. 2
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output power
Po
-2
dBm
Reference spurs
Pref
@ fc
± f
ref
-44
dBm
Clock spurs
Pclk
@ fc
± f
clk
-44
dBm
Harmonic content
Pharm
@ 2fc , 3fc , 4fc
-40
dBm
Spurious output signal
Poff
VPS
≤ 0.1V
-60
dBm
Phase noise
PN
@ fc
± 200kHz
-82
-78
dBc/Hz
VCO gain
KVCO
300
MHz/V
Charge pump current
ICP
±260
µA
Clock voltage swing
VCKOUT
Cload = 5pF
2
Vpp
Start-up time
ton
from ”all OFF” to any
other mode
1.0
1.2
ms
4.6
Output Power Selection
typical values at TA = 23 °C and VCC = 3 V:
ENCK = 1, ENTX = 1, fc = 868.3 MHz, test circuit shown in Fig. 2
RPS / k
Ω
Ω
Ω
Ω
≥≥≥≥ 68
56
47
39
27
15
VPS/ V
≥≥≥≥ 2
1.1
0.9
0.7
0.5
0.3
Icc / mA
12.5
9.5
8.5
7.8
7.0
6.2
Po / dBm
1
-2
-5
-8
-10
-15
Pharm / dBm
≤-40
≤-40
≤-40
≤-45
≤-45
≤-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com