Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH7108 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 1 of 14
Data Sheet
Rev. 008
May/03
Features
! Fully integrated, PLL-stabilized VCO
! Frequency range from 850 MHz to 920 MHz
! FSK through crystal pulling allows modulation
from DC to 40 kbit/s
! High FSK deviation possible for wideband data
transmission
! ASK achieved by on/off keying of internal
power amplifier
! FM possible with external varactor
! Wide power supply range from 2.2 V to 5.5 V
! High over-all frequency accuracy
! Very low standby current
! Adjustable output power range from
-15 dBm to +1 dBm
! Adjustable current consumption from
6.2 mA to 12.5 mA
! FSK deviation and center frequency independ-
ently adjustable
! Differential output well-suited for loop antenna
! External clock available for µC drive,
down to 1.9 V supply
! ”Clock only” mode
! Conforms to EN 300 220 and similar standards
Ordering Information
Part No.
Temperature Code
Package Code
TH7108
E (-40 C° to 85 °C)
FC (QSOP16)
Application Examples
Pin Description
! Keyless car and central locking
! Low-power telemetry
! Alarm and security systems
! General digital data transmission
! General analog audio signal transmission
General Description
The TH7108 FSK/ASK/FM transmitter IC is designed for applications in the European 868MHz industrial-
scientific-medical (ISM) band, according to the EN 300 220 telecommunications standard. It can also be
used for any other system with carrier frequencies ranging from 850 MHz to 920 MHz (e.g. for applications
in the US 915MHz ISM band).
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref that is used.
The integrated PLL synthesizer ensures that each RF value, ranging from 850 MHz to 920 MHz, can be
achieved by using a crystal with reference frequency according to: fref = fc/N, where N = 32 is the PLL feed-
back divider ratio.
LF1
LF2
RO2
DATA
SUB
OUT1
VEE
VCC
TH7108
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
ENTX
RO1
CKOUT
ENCK
OUT2
PS
VCC
VEE


Similar Part No. - TH7108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7108 ETC-TH7108 Datasheet
212Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
List of Unclassifed Man...
TH71082 ETC-TH71082 Datasheet
212Kb / 10P
868/915MHz ASK Transmitter / LO Source
More results

Similar Description - TH7108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com