Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH7108 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 6 of 14
Data Sheet
Rev. 008
May/03
Pin No.
Name
I/O Type
Functional Schematic
Description
8
CKOUT
output
CKOUT
8
200
Ω
clock output,
CMOS-compatible
9
PS
analog I/O
PS
9
200
Ω
20µA
power-select and ASK input,
high-impedance comparator
logic
TX standby: IPS = 0
TX active: IPS = 20µA
10
VCC
supply
positive power supply
11
VEE
ground
negative power supply
12
OUT2
output
differential power amplifier
output, open collector
13
OUT1
output
VCC
VEE
VEE
VCC
OUT2
12
VEE
13
OUT1
differential power amplifier
output, open collector
14
VEE
ground
negative power supply
15
VCC
supply
positive power supply
16
LF2
input
LF2
16
200
Ω
5p
VCO tuning input, connec-
tion from loop filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com