Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH7108 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 4 of 14
Data Sheet
Rev. 008
May/03
2
Functional Description
2.1
FSK Modulation
A Colpitts crystal oscillator (XOSC) is used as the reference oscillator of a phase-locked loop (PLL) synthe-
sizer. FSK modulation is achieved by pulling the crystal (XTAL) through the data. So a CMOS-compatible
data stream applied at input DATA digitally modulates the XOSC. Two external pulling capacitors CX1 and
CX2 allow the FSK deviation and center frequency to be adjusted independently. At DATA = LOW CX2 is
connected in parallel to CX1 leading to the low-frequency component of the FSK spectrum (fmin); while at
DATA = HIGH CX2 is deactivated and the XOSC is set to its high frequency, leading to fmax.
An external reference signal can be directly AC-coupled to pin RO1. Then the TH7108 is used without an
XTAL. The reference signal has to contain the FSK (or FM) and sets the carrier frequency.
2.2
Frequency Modulation
For FM operation an external varactor is required. It simply acts as a pulling capacitor connected in series to
the crystal. Then the analog modulation signal, applied through a series resistor, directly modulates the
XOSC.
2.3
ASK Modulation
The TH7108 can be ASK-modulated by applying data directly at pin PS. This turns the PA on and off and
therefore leads to an ASK signal at the output.
2.4
Mode Control Logic
The mode control logic allows four different modes of operation as listed in the following table. The mode
control pins ENCK and ENTX are pulled-down internally. This guarantees that the whole circuit is shut down
if these pins are left floating.
The clock output CKOUT can be used to drive a µC. This output can be activated by the ENCK pin as re-
quired for any specific application. Clock frequency is 1/8 of the reference crystal frequency.
ENCK
ENTX
Mode
Description
0
0
all OFF
whole circuit in standby
0
1
TX only
TX active, no clock available
1
0
clock only
TX standby and clock available
1
1
all ON
TX active and clock available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com